Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC4851PW-Q100 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74HC4851PW-Q100
Szczegółowy opis  8-channel analog multiplexer/demultiplexer with injection-current effect control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4851PW-Q100 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74HC4851PW-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC4851PW-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC4851PW-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC4851PW-Q100 Datasheet HTML 9Page - NXP Semiconductors 74HC4851PW-Q100 Datasheet HTML 10Page - NXP Semiconductors 74HC4851PW-Q100 Datasheet HTML 11Page - NXP Semiconductors 74HC4851PW-Q100 Datasheet HTML 12Page - NXP Semiconductors 74HC4851PW-Q100 Datasheet HTML 13Page - NXP Semiconductors 74HC4851PW-Q100 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
74HC_HCT4851_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 2 August 2012
10 of 21
NXP Semiconductors
74HC4851-Q100; 74HCT4851-Q100
8-channel analog multiplexer/demultiplexer with injection-current
effect control
11. Dynamic characteristics
Table 9.
Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for load circuit see Figure 14.
Symbol
Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC4851-Q100
tpd
propagation delay
Z, Yn to Yn, Z;
see Figure 10
[1]
VCC = 2.0 V
-
10.0
25
-
29
-
32
ns
VCC = 3.0 V
-
6.0
15.5
-
17.5
-
19.5
ns
VCC = 3.3 V
-
5.0
14.5
-
16.5
-
18.5
ns
VCC = 4.5 V
-
4.0
11.5
-
12.5
-
13.5
ns
VCC = 6.0 V
-
3.0
10
-
11
-
12
ns
Sn to Z, Yn;
see Figure 11
[1]
VCC = 2.0 V
-
18.0
32
-
35
-
40
ns
VCC = 3.0 V
-
9.5
17.5
-
20
-
23
ns
VCC = 3.3 V
-
8.5
16.5
-
19
-
22
ns
VCC = 4.5 V
-
6.5
13
-
15
-
17
ns
VCC = 6.0 V
-
5.0
12.5
-
14.5
-
16.5
ns
ten
enable time
E to Z, Yn;
see Figure 12
[2]
VCC = 2.0 V
-
-
95
-
105
-
115
ns
VCC = 3.0 V
-
-
90
-
100
-
110
ns
VCC = 3.3 V
-
-
85
-
95
-
105
ns
VCC = 4.5 V
-
-
80
-
90
-
100
ns
VCC = 6.0 V
-
-
78
-
80
-
80
ns
tdis
disable time
E to Z, Yn;
see Figure 12
[3]
VCC = 2.0 V
-
-
99
-
105
-
115
ns
VCC = 3.0 V
-
-
90
-
100
-
110
ns
VCC = 3.3 V
-
-
85
-
95
-
105
ns
VCC = 4.5 V
-
-
80
-
90
-
100
ns
VCC = 6.0 V
-
-
78
-
80
-
80
ns
CPD
power dissipation
capacitance
per channel;
see Figure 12
[4]
VCC = 3.3 V
-
28
-
-
-
-
-
pF
VCC = 5.0 V
-
33
-
-
-
-
-
pF


Podobny numer części - 74HC4851PW-Q100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HC4851PW-Q100 NEXPERIA-74HC4851PW-Q100 Datasheet
293Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 3 - 18 February 2020
More results

Podobny opis - 74HC4851PW-Q100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC_HCT4851 PHILIPS-74HC_HCT4851_15 Datasheet
122Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Nexperia B.V. All right...
74HC4851-Q100 NEXPERIA-74HC4851-Q100 Datasheet
293Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 3 - 18 February 2020
74HC4851 NEXPERIA-74HC4851 Datasheet
310Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 15 May 2023
logo
Texas Instruments
SN74HC4851-Q1 TI-SN74HC4851-Q1 Datasheet
294Kb / 15P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION EFFECT CONTROL
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com