Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC4538 Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części 74HC4538
Szczegółowy opis  Dual Retriggerable Monostable Multivibrator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74HC4538 Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button 74HC4538 Datasheet HTML 2Page - Fairchild Semiconductor 74HC4538 Datasheet HTML 3Page - Fairchild Semiconductor 74HC4538 Datasheet HTML 4Page - Fairchild Semiconductor 74HC4538 Datasheet HTML 5Page - Fairchild Semiconductor 74HC4538 Datasheet HTML 6Page - Fairchild Semiconductor 74HC4538 Datasheet HTML 7Page - Fairchild Semiconductor 74HC4538 Datasheet HTML 8Page - Fairchild Semiconductor 74HC4538 Datasheet HTML 9Page - Fairchild Semiconductor 74HC4538 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
AC Electrical Characteristics (Continued)
Note 6: CPD determines the no load dynamic consumption, PD = CPD VCC
2f
+I
CC VCC, and the no load dynamic current consumption, IS = VCC f + ICC.
Symbol
Parameter
Conditions
VCC
TA=25°CTA=−40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
tWQ
Output Pulse Width
CX = 1000 pF
Min
3.0V
10.5
9.4
µs
RX = 10 kΩ
5.0V
10.0
9.3
µs
Max
3.0V
10.5
11.6
µs
5.0V
10.0
10.7
µs
tWQ
Output Pulse Width
CX = 0.1µF
Min
5.0V
0.63
0.602
0.595
ms
RX = 10k
Max
5.0V
0.77
0.798
0.805
ms
CIN
Maximum Input
25
pF
Capacitance (Pins 2 & 14)
CIN
Maximum Input
5
10
10
10
pF
Capacitance (other inputs)
CPD
Power Dissipation
(per one shot)
150
pF
Capacitance (Note 6)
∆t
WQ
Pulse Width Match
Between Circuits in
±1%
Same Package


Podobny numer części - 74HC4538

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74HC4538 ONSEMI-74HC4538 Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
NXP Semiconductors
74HC4538 PHILIPS-74HC4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
logo
STMicroelectronics
74HC4538 STMICROELECTRONICS-74HC4538 Datasheet
288Kb / 14P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Texas Instruments
74HC4538 TI-74HC4538 Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
logo
Toshiba Semiconductor
74HC4538 TOSHIBA-74HC4538 Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
More results

Podobny opis - 74HC4538

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com