Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI860X Arkusz danych(PDF) 8 Page - Silicon Laboratories

Numer części SI860X
Szczegółowy opis  Independent, bidirectional SDA and SCL isolation channels Open drain outputs with 35 mA sink current
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI860X Arkusz danych(HTML) 8 Page - Silicon Laboratories

Back Button SI860X Datasheet HTML 4Page - Silicon Laboratories SI860X Datasheet HTML 5Page - Silicon Laboratories SI860X Datasheet HTML 6Page - Silicon Laboratories SI860X Datasheet HTML 7Page - Silicon Laboratories SI860X Datasheet HTML 8Page - Silicon Laboratories SI860X Datasheet HTML 9Page - Silicon Laboratories SI860X Datasheet HTML 10Page - Silicon Laboratories SI860X Datasheet HTML 11Page - Silicon Laboratories SI860X Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
Rev. 1.2
Si860x
Figure 1. Propagation Delay Timing (Non-I2C Channels)
Table 5. Electrical Characteristics for All I2C and Non-I2C Channels
3.0 V < VDD < 5.5 V. TA = –40 to +125 °C. Typical specs at 25 °C
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VDD Undervoltage Threshold
VDDUV+
VDD1, VDD2 rising
1.95
2.24
2.375
V
VDD Undervoltage Threshold
VDDUV–
VDD1, VDD2 falling
1.88
2.16
2.325
V
VDD Negative-Going Lockout
Hysteresis
VDDHYS
50
70
95
mV
Common Mode Transient
Immunity
CMTI
VI =VDD or 0 V
35
50
kV/µs
Shut Down Time from UVLO
tSD
—3.0
µs
Start-up Time*
tSTART
—15
40
µs
*Note: Start-up time is the time period from the application of power to valid data at the output.
Typical
Input
tPLH
tPHL
Typical
Output
tr
tf
90%
10%
90%
10%
1.4 V
1.4 V


Podobny numer części - SI860X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI860X SKYWORKS-SI860X Datasheet
718Kb / 39P
   Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
More results

Podobny opis - SI860X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC2G07 PHILIPS-74LVC2G07 Datasheet
82Kb / 13P
   Buffers with open-drain outputs
2004 Sep 08
74HC3G07 PHILIPS-74HC3G07 Datasheet
80Kb / 14P
   Buffer with open-drain outputs
2003 Oct 15
74LVC2G06 NXP-74LVC2G06 Datasheet
88Kb / 15P
   Inverters with open-drain outputs
Rev. 03-21 May 2007
logo
Unisonic Technologies
U74LVC2G07 UTC-U74LVC2G07_15 Datasheet
194Kb / 5P
   BUFFERS WITH OPEN-DRAIN OUTPUTS
U74LVC2G06 UTC-U74LVC2G06 Datasheet
173Kb / 5P
   INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC2G06 NEXPERIA-74LVC2G06 Datasheet
256Kb / 17P
   Inverters with open-drain outputs
Rev. 9 - 24 January 2022
logo
NXP Semiconductors
74LVC2G07GM PHILIPS-74LVC2G07GM Datasheet
200Kb / 18P
   Buffers with open-drain outputs
Rev. 7-4 July 2012
logo
Unisonic Technologies
U74LVC2G06 UTC-U74LVC2G06_15 Datasheet
173Kb / 5P
   INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
NXP Semiconductors
74LVC2G07 NXP-74LVC2G07 Datasheet
88Kb / 15P
   Buffers with open-drain outputs
Rev. 04-21 May 2007
logo
Nexperia B.V. All right...
74LVC2G06-Q100 NEXPERIA-74LVC2G06-Q100 Datasheet
779Kb / 13P
   Inverters with open-drain outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com