Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MM74HCT14 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części MM74HCT14
Szczegółowy opis  Hex Inverting Schmitt Trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCT14 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  MM74HCT14 Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT14 Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT14 Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT14 Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT14 Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT14 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 15 pF, tr = tf = 6 ns
AC Electrical Characteristics
VCC= 5V ± 10%, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
Note 4: CPD determines the no load dynamic power consumption, PD = CPD VCC2 f+ICC VCC, and the no load dynamic current consumption,
IS = CPD VCC f+ICC.
Typical Performance Characteristics
Input Threshold, VT+, VT−,
vs Power Supply Voltage
Propagation Delay vs
Power Supply
Typical Applications
Low Power Oscillator
Note: The equations assume t1+t2>>tpd0+tpd1
Symbol
Parameter
Conditions
Typ
Guaranteed
Limit
Units
tPHL, tPLH
Maximum Propagation Delay
10
18
ns
Symbol
Parameter
Conditions
TA = 25°
TA = −40 to 85°C
Units
Typ
Guaranteed Limits
tPHL, tPLH
Maximum Propagation Delay
20
25
ns
tTLH, tTHL
Maximum Output Rise and Fall Time
9
15
19
ns
CPD
Power Dissipation
(per gate)
25
pF
Capacitance (Note 4)
CIN
Maximum Input Capacitance
5
10
10
pF


Podobny numer części - MM74HCT14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MM74HCT14 ONSEMI-MM74HCT14 Datasheet
245Kb / 10P
   Hex Inverting Schmitt Trigger
October 2009 Rev. 1.4.2
logo
National Semiconductor ...
MM74HCT147 NSC-MM74HCT147 Datasheet
105Kb / 4P
   10-to-4 Line Priority Encoder
MM74HCT147J NSC-MM74HCT147J Datasheet
105Kb / 4P
   10-to-4 Line Priority Encoder
MM74HCT148 NSC-MM74HCT148 Datasheet
215Kb / 5P
   8-3 Line Priority Encoder
logo
Fairchild Semiconductor
MM74HCT14M FAIRCHILD-MM74HCT14M Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results

Podobny opis - MM74HCT14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com