Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3210PPQX-EVB Arkusz danych(PDF) 3 Page - Silicon Laboratories

Numer części SI3210PPQX-EVB
Szczegółowy opis  Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3210PPQX-EVB Arkusz danych(HTML) 3 Page - Silicon Laboratories

  SI3210PPQX-EVB Datasheet HTML 1Page - Silicon Laboratories SI3210PPQX-EVB Datasheet HTML 2Page - Silicon Laboratories SI3210PPQX-EVB Datasheet HTML 3Page - Silicon Laboratories SI3210PPQX-EVB Datasheet HTML 4Page - Silicon Laboratories SI3210PPQX-EVB Datasheet HTML 5Page - Silicon Laboratories SI3210PPQX-EVB Datasheet HTML 6Page - Silicon Laboratories SI3210PPQX-EVB Datasheet HTML 7Page - Silicon Laboratories SI3210PPQX-EVB Datasheet HTML 8Page - Silicon Laboratories SI3210PPQX-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 148 page
background image
Si3210/Si3211
Rev. 1.61
3
1. Electrical Specifications
Table 1. Absolute Maximum Ratings and Thermal Information
1
Parameter
Symbol
Value
Unit
Si3210/11
DC Supply Voltage
VDDD, VDDA1, VDDA2
–0.5 to 6.0
V
Input Current, Digital Input Pins
IIN
±10
mA
Digital Input Voltage
VIND
–0.3 to (VDDD +0.3)
V
Operating Temperature Range2
TA
–40 to 100
C
Storage Temperature Range
TSTG
–40 to 150
C
TSSOP-38 Thermal Resistance, Typical
JA
70
C/W
QFN-38 Thermal Resistance, Typical
JA
35
C/W
Continuous Power Dissipation2
PD
0.7
W
Si3201
DC Supply Voltage
VDD
–0.5 to 6.0
V
Battery Supply Voltage
VBAT
–104
V
Input Voltage: TIP, RING, SRINGE, STIPE pins
VINHV
(VBAT – 0.3) to (VDD + 0.3)
V
Input Voltage: ITIPP, ITIPN, IRINGP, IRINGN pins
VIN
–0.3 to (VDD + 0.3)
V
Operating Temperature Range2
TA
–40 to 100
C
Storage Temperature Range
TSTG
–40 to 150
C
SOIC-16 Thermal Resistance, Typical3
JA
55
C/W
Continuous Power Dissipation2
PD
0.8 at 70 °C
W
0.6 at 85 °C
Notes:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
2. Operation above 125 °C junction temperature may degrade device reliability.
3. Thermal resistance assumes a multi-layer PCB with the exposed pad soldered to a topside PCB pad.


Podobny numer części - SI3210PPQX-EVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3210PPQX-EVB SILABS-SI3210PPQX-EVB Datasheet
922Kb / 41P
   EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
More results

Podobny opis - SI3210PPQX-EVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC3809-1 LINER-LTC3809-1 Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
logo
Analog Devices
ADP1829 AD-ADP1829 Datasheet
691Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. 0
ADP1823 AD-ADP1823 Datasheet
676Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. A
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
logo
Maxim Integrated Produc...
MAX20800 MAXIM-MAX20800_V01 Datasheet
1,010Kb / 9P
   MPP Tracking DC-DC Converter
19-8575; Rev 4; 2/18
logo
Linear Technology
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
logo
Analog Devices
ADP1822 AD-ADP1822_15 Datasheet
363Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. D
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com