Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5315A-C-GM Arkusz danych(PDF) 11 Page - Silicon Laboratories

Numer części SI5315A-C-GM
Szczegółowy opis  Provides jitter attenuation and frequency translation between SONET/PDH and Ethemet
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5315A-C-GM Arkusz danych(HTML) 11 Page - Silicon Laboratories

Back Button SI5315A-C-GM Datasheet HTML 7Page - Silicon Laboratories SI5315A-C-GM Datasheet HTML 8Page - Silicon Laboratories SI5315A-C-GM Datasheet HTML 9Page - Silicon Laboratories SI5315A-C-GM Datasheet HTML 10Page - Silicon Laboratories SI5315A-C-GM Datasheet HTML 11Page - Silicon Laboratories SI5315A-C-GM Datasheet HTML 12Page - Silicon Laboratories SI5315A-C-GM Datasheet HTML 13Page - Silicon Laboratories SI5315A-C-GM Datasheet HTML 14Page - Silicon Laboratories SI5315A-C-GM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Si5315
Rev. 1.0
11
1.1. Three-Level (3L) Input Pins (No External Resistors)
Figure 3. Three-Level Input Pins
Table 5. Three-Level Input Pins (No External Resistors)
Parameter
Symbol
Min
Max
Input Voltage Low
Vill
0.15 x VDD
Input Voltage Mid
Vimm
0.45 x VDD
0.55 x VDD
Input Voltage High
Vihh
0.85 x VDD
Input Low Current
Iill
–6 µA
Input Mid Current
Iimm
–2 µA
2 µA
Input High Current
Iihh
6 µA
Note: The above currents are the amount of leakage that the 3L inputs can tolerate from an external driver.
External Driver
Si5315
Iimm
75 k
VDD
75 k


Podobny numer części - SI5315A-C-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si5315A-C-GM SILABS-Si5315A-C-GM Datasheet
416Kb / 54P
   SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5315A-C-GM SKYWORKS-SI5315A-C-GM Datasheet
1Mb / 54P
   SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
More results

Podobny opis - SI5315A-C-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
IDT8V19N486-02I IDT-IDT8V19N486-02I Datasheet
234Kb / 3P
   Jitter attenuation and frequency multiplication
logo
NIHON DEMPA KOGYO
NW50M50LA NDK-NW50M50LA Datasheet
87Kb / 1P
   Frequency Timing and Translation Modules
logo
Micrel Semiconductor
SM844256 MICREL-SM844256 Datasheet
246Kb / 8P
   10 Gigabit Ethernet and SONET, 6 Output, Ultra-Low Jitter LVDS Frequency Synthesizer
SM843256 MICREL-SM843256 Datasheet
238Kb / 8P
   10 Gigabit Ethernet and SONET, 6 output, Ultra-Low Jitter LVPECL Frequency Synthesizer
logo
Abracon Corporation
ASTMUPLD ABRACON-ASTMUPLD Datasheet
2Mb / 6P
   Any frequency between 1MHz and 625MHz
05/15/2017
logo
Zarlink Semiconductor I...
ZL30106 ZARLINK-ZL30106_05 Datasheet
1Mb / 48P
   SONET/SDH/PDH Network Interface DPLL
ZL30106 ZARLINK-ZL30106 Datasheet
423Kb / 48P
   SONET/SDH/PDH Network Interface DPLL
logo
Diodes Incorporated
DMN61D8LVTQ DIODES-DMN61D8LVTQ Datasheet
350Kb / 7P
   Provides a reliable and robust interface between sensitive logic and DC relay coils
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_2 Datasheet
1Mb / 159P
   SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
logo
Zilog, Inc.
Z84C2006VEC ZILOG-Z84C2006VEC Datasheet
1Mb / 16P
   Provides a direct interface between Z80 microcomputer systems and peripheral devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com