Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3210M-TSSOP Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części SI3210M-TSSOP
Szczegółowy opis  Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3210M-TSSOP Arkusz danych(HTML) 1 Page - Silicon Laboratories

  SI3210M-TSSOP Datasheet HTML 1Page - Silicon Laboratories SI3210M-TSSOP Datasheet HTML 2Page - Silicon Laboratories SI3210M-TSSOP Datasheet HTML 3Page - Silicon Laboratories SI3210M-TSSOP Datasheet HTML 4Page - Silicon Laboratories SI3210M-TSSOP Datasheet HTML 5Page - Silicon Laboratories SI3210M-TSSOP Datasheet HTML 6Page - Silicon Laboratories SI3210M-TSSOP Datasheet HTML 7Page - Silicon Laboratories SI3210M-TSSOP Datasheet HTML 8Page - Silicon Laboratories SI3210M-TSSOP Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 148 page
background image
Rev. 1.61 1/12
Copyright © 2012 by Silicon Laboratories
Si3210
Si3210/Si3211
P ROSLIC ® P ROGRAMMABLE CMOS SLIC/C ODEC
WITH
R INGING/B ATTERY VOLTAGE G ENERATION
Features
Applications
Description
The Si3210/11 ProSLIC® chipset provides a complete analog telephone interface ideal
for customer premise equipment (CPE). It integrates a subscriber line interface circuit
(SLIC), voice codec, and battery generation (Si3210) or battery selection (Si3211) into
a single CMOS integrated circuit. The battery supply continuously adapts its output
voltage to minimize power dissipation and enables the entire circuit to be powered
from a single 3.3 or 5 V supply (Si3210). The CMOS ProSLIC interfaces to the line
through either the Si3201 Line-feed IC or a discrete line-feed circuit.
Si3210/11 features include software-configurable 5 REN internal ringing up to 90 VPK,
DTMF generation and decoding, Caller ID generation, and a comprehensive set of
telephony signaling capabilities for global operation with a single hardware solution.
The Si3210/11 is packaged in a 38-pin QFN or TSSOP, and the Si3201 is packaged in
a thermally-enhanced 16-pin SOIC.
Functional Block Diagram
100% programmable global solution
Performs all BORSCHT functions
DC-DC controller provides tracking
battery from a 3.3–35V input (Si3210)

Minimizes power in all modes

Dynamic 0 to –94.5 V output

Choice of inductor (low cost) or
transformer (high efficiency)
Programmable line-feed parameters

2-wire AC impedance and hybrid

Constant current feed (20 to 41 mA)

Loop closure and ring trip thresholds
and filtering
Internal balanced ringing up to 90VPK

5 REN up to 4 kft; 3 REN up to 8 kft

Programmable frequency, amplitude,
cadence, and wave shape
Programmable audio processing

DTMF encoding and decoding

12 kHz/16 kHz pulse metering

Phase-continuous FSK (caller ID)

Dual tone generators
-Law/A-Law and linear PCM audio
Extensive test and diagnostic features

Multiple loopback test modes

DC line V/I measurements

Supports GR-909 MLT
Comprehensive design tools

Reference schematic and PCB
layout

ProSLIC API abstracts SLIC
functions, minimizing software
development
RoHS-compliant packages
SPI and PCM bus digital interfaces
Fixed Wireless (cellular) Terminals
Terminal Adapters
PBX/IP-PBX/Key telephone systems
Voice-over-IP Systems:

DSL/EMTAs/FTTx

WiMax/LTE
Linefeed
Interface
Control
Interface
PCM
Interface
PLL
DTMF
Decode
Gain/
Attenuation/
Filter
Tone
Generators
Gain/
Attenuation/
Filter
Line
Feed
Control
Line
Status
DC-DC Converter Controller
(Si3210 only)
Prog.
Hybrid
D/A
Z
S
A/D
TIP
RING
CS
SCLK
SDO
SDI
DTX
DRX
FSYNC
PCLK
RESET
INT
Si3210/11
Discrete
Components
U.S. Patent #6,567,521
U.S. Patent #6,812,744
Ordering Information
See page 130.
QFN Pin Assignments
Si3210/11
27
28
29
30
31
34 33 32
1
2
3
4
5
6
7
8
9
10
11
12 13
26
25
14
35
36
37
38
15 16 17 18 19
24
23
22
21
20
QFN
DTX
FSYNC
RESET
SDCH/DIO1
SDCL/DIO2
VDDA1
IREF
CAPP
QGND
CAPM
STIPDC
SRINGDC
IGMP
IRINGN
IRINGP
VDDA2
ITIPP
ITIPN
VDDD
GNDD
TEST
DCFF/DOUT
DCDRV/DCSW
SDITHRU


Podobny numer części - SI3210M-TSSOP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI3210M-BT ETC-SI3210M-BT Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3210M-KT ETC-SI3210M-KT Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
More results

Podobny opis - SI3210M-TSSOP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC3809-1 LINER-LTC3809-1 Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
logo
Analog Devices
ADP1829 AD-ADP1829 Datasheet
691Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. 0
ADP1823 AD-ADP1823 Datasheet
676Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. A
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
logo
Maxim Integrated Produc...
MAX20800 MAXIM-MAX20800_V01 Datasheet
1,010Kb / 9P
   MPP Tracking DC-DC Converter
19-8575; Rev 4; 2/18
logo
Linear Technology
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
logo
Analog Devices
ADP1822 AD-ADP1822_15 Datasheet
363Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. D
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com