Zakładka z wyszukiwarką danych komponentów |
|
HCPL-2212-560 Arkusz danych(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-2212-560 Arkusz danych(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED |
1 / 18 page Description The HCPL-22XX, HCPL-02XX, and HCNW22XX are optical- ly-coupled logic gates. The HCPL-22XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED. The detectors have totem pole output stag- es and optical receiver input stages with built-in Schmitt triggerstoprovidelogic-compatiblewaveforms,eliminat- ing the need for additional waveshaping. A superior internal shield on the HCPL-2211/12, HCPL- 0211, HCPL-2232 and HCNW2211 guarantees common mode transient immunity of 10 kV/µs at a common mode voltage of 1000 volts. Functional Diagram CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by ESD. A 0.1 µF bypass capacitor must be connected between pins 5 and 8. 7 1 2 3 4 5 6 8 NC ANODE CATHODE NC GND VCC VO NC SHIELD HCPL-2201/11 HCPL-0201/11 HCNW2201/11 HCPL-2201 Functional Diagram 7 1 2 3 4 5 6 8 NC ANODE CATHODE NC GND VCC VO NC SHIELD HCPL-2202/12 7 1 2 3 4 5 6 8 ANODE 1 CATHODE 1 CATHODE 2 ANODE 2 GND VCC VO1 VO2 SHIELD HCPL-2231/32 TRUTH TABLE (POSITIVE LOGIC) LED ON OFF VO HIGH LOW HCPL-2201, HCPL-2202, HCPL-2211,HCPL-2212, HCPL-2231, HCPL-2232, HCPL-0201, HCPL-0211, HCNW2201, HCNW2211 Very High CMR, Wide V CC Logic Gate Optocouplers Data Sheet Features • 10 kV/µs minimum Common Mode Rejection (CMR) at V CM = 1000 V (HCPL-2211/2212/0211/2232, HCNW2211) • Wide operating V CC range: 4.5 to 20 Volts • 300 ns propagation delay guaranteed over the full temperature range • 5 Mbd typical signal rate • Low input current (1.6mA to 1.8 mA) • Hysteresis • Totem pole output (no pullup resistor required) • Available in 8-Pin DIP, SOIC-8, widebody packages • Guaranteed performance from -40°C to 85°C • Safety approval – UL recognized -3750 V rms for 1 minute (5000V rms for 1 minute for HCNW22XX) per UL1577 – CSAapproved – IEC/EN/DIN EN 60747-5-2 approved with V IORM = 630 V peak (HCPL-2211/2212 Option 060 only) and V IORM = 1414 V peak (HCNW22XX only) • MIL-PRF-38534 hermetic version available (HCPL-52XX/62XX) Applications • Isolation of high speed logic systems • Computer-peripheral interfaces • Microprocessor system interfaces • Ground loop elimination • Pulse transformer replacement • High speed line receiver • Power control systems Lead (Pb) Free RoHS 6 fully compliant RoHS 6 fully compliant options available; -xxxE denotes a lead-free product |
Podobny numer części - HCPL-2212-560 |
|
Podobny opis - HCPL-2212-560 |