Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-0723-560E Arkusz danych(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-0723-560E
Szczegółowy opis  50 MBd 2 ns PWD High Speed CMOS Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0723-560E Arkusz danych(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0723-560E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723-560E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723-560E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723-560E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723-560E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723-560E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
Available in either 8-pin DIP or SO-8 package style respec-
tively, the HCPL-7723 or HCPL-0723 optocoupler utilize
the latest CMOS IC technology to achieve outstanding
speed performance of minimum 50 MBd data rate and
2 ns maximum pulse width distortion.
Basic building blocks of HCPL-7723/0723 are a CMOS
LED driver IC, a high speed LED and a CMOS detector
IC. A CMOS logic input signal controls the LED driver
IC, which supplies current to the LED. The detector
IC incorporates an integrated photodiode, a high speed
transimpedance amplifier, and a voltage comparator with
an output driver.
Functional Diagram
8
7
6
1
3
SHIELD
5
2
4
**VDD1
VI
NC*
GND1
VDD2**
VO
GND2
VI, INPUT
LED1
H
L
OFF
ON
TRUTH TABLE
(POSITIVE LOGIC)
NC*
IO
LED1
VO, OUTPUT
H
L
* PIN 3 IS THE ANODE OF THE INTERNAL LED AND MUST BE LEFT
UNCONNECTED FOR GUARANTEED DATASHEET PERFORMANCE.
PIN 7 IS NOT CONNECTED INTERNALLY.
** A 0.1 µF BYPASS CAPACITOR MUST BE CONNECTED BETWEEN
PINS 1 AND 4, AND 5 AND 8.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of
this component to prevent damage and/or degradation, which may be induced by ESD.
Features
• +5 V CMOS compatibility
• High speed: 50 MBd min.
• 2 ns max. pulse width distortion
• 22 ns max. prop. delay
• 16 ns max. prop. delay skew
• 10 kV/µs min. common mode rejection
• –40 to 85°C temperature range
• Safety and regulatory approvals:
UL recognized
– 5000 Vrms for 1 min. per UL1577 for HCPL-7723 for
option 020
– 3750 Vrms for 1 min. per UL1577 for HCPL-0723
CSA component acceptance notice #5
IEC/EN/DIN EN 60747-5-5
– Viorm = 630 Vpeak for HCPL-7723 option 060
– Viorm = 567 Vpeak for HCPL-0723 option 060
Applications
• Digital fieldbus isolation: CC-Link, DeviceNet, Profibus,
SDS, Isolated A/D or D/A conversion
• Multiplexed data transmission
• High speed digital input/output
• Computer peripheral interface
• Microprocessor system interface
HCPL-7723/0723
50 MBd 2 ns PWD High Speed CMOS Optocoupler
Data Sheet
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Podobny numer części - HCPL-0723-560E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-0723-500 HP-HCPL-0723-500 Datasheet
249Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
More results

Podobny opis - HCPL-0723-560E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-7723 HP-HCPL-7723 Datasheet
249Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7723 AVAGO-HCPL-7723 Datasheet
229Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com