Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-091J-500E Arkusz danych(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-091J-500E
Szczegółowy opis  High Speed Digital Isolators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-091J-500E Arkusz danych(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-091J-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-091J-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-091J-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-091J-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-091J-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-091J-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-091J-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-091J-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-091J-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Insulation and Safety Related Specifications
Parameters
Condition
Min.
Typ.
Max.
Units
Barrier Impedance
Ω||pF
Single Channel
>1014||3
Dual Channel
>1014||3
Quad Channel
>1014||7
Creepage Distance (External)
mm
8-Pin PDIP
7.04
8-Pin SOIC
4.04
16-Pin SOIC Narrow Body
4.03
16-Pin SOIC Wide Body
8.08
Leakage Current
240 V
RMS
0.2
µA
60 Hz
IEC61010-1 Insulation Characteristics*
Description
Symbol
HCPL-0900
HCPL-0930
HCPL-090J
HCPL-091J
HCPL-092J
HCPL-9000
HCPL-9030
HCPL-900J
HCPL-901J
HCPL-902J
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage
150 Vrms
I – III
I – IV
for rated mains voltage
300 Vrms
I – III
Pollution Degree (DIN VDE 0110/1.89)
2
2
Maximum Working Insulation Voltage
VIORM
150
300
Vrms
Soldering Profile
The recommended reflow soldering conditions are per JEDEC Standard J-STD-020 (latest revision).


Podobny numer części - HCPL-091J-500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-091J HP-HCPL-091J Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-091J AVAGO-HCPL-091J Datasheet
357Kb / 14P
   High Speed Digital Isolators 15 ns max. propagation delay
More results

Podobny opis - HCPL-091J-500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
   High Speed Digital Isolators
logo
Texas Instruments
ISO7231C-Q1 TI1-ISO7231C-Q1 Datasheet
804Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C_09 Datasheet
691Kb / 25P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7230C-Q1 TI-ISO7230C-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C Datasheet
744Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com