Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCVF25081DRG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCVF25081DRG4
Szczegółowy opis  3.3-V PHASED-LOCK LOOP CLOCK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CDCVF25081DRG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  CDCVF25081DRG4 Datasheet HTML 1Page - Texas Instruments CDCVF25081DRG4 Datasheet HTML 2Page - Texas Instruments CDCVF25081DRG4 Datasheet HTML 3Page - Texas Instruments CDCVF25081DRG4 Datasheet HTML 4Page - Texas Instruments CDCVF25081DRG4 Datasheet HTML 5Page - Texas Instruments CDCVF25081DRG4 Datasheet HTML 6Page - Texas Instruments CDCVF25081DRG4 Datasheet HTML 7Page - Texas Instruments CDCVF25081DRG4 Datasheet HTML 8Page - Texas Instruments CDCVF25081DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CDCVF25081
3.3-V PHASED-LOCK LOOP CLOCK DRIVER
SCAS671A – OCTOBER 2001 – REVISED FEBRUARY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input voltage
VDD = 3 V,
II = -18 mA
–1.2
V
II
Input current
VI = 0 V or VDD
±5
µA
IPD‡
Power down current
fCLKIN = 0 MHz,
VDD = 3.3 V
20
µA
IOZ
Output 3-state
Vo = 0 V or VDD,
VDD = 3.6 V
±5
µA
CI
Input capacitance at FBIN, CLKIN
VI = 0 V or VDD
4
pF
CI
Input capacitance at S1, S2
VI = 0 V or VDD
2.2
pF
CO
Output capacitance
VI = 0 V or VDD
3
pF
VDD = min to max,
IOH = -100 µA
VDD – 0.2
VOH
High-level output voltage
VDD = 3 V,
IOH = -12 mA
2.1
V
VOH
High level out ut voltage
VDD = 3 V,
IOH = -6 mA
2.4
V
VDD = min to max,
IOL = 100 µA
0.2
VOL
Low-level output voltage
VDD = 3 V,
IOL = 12 mA
0.8
V
VOL
Low level out ut voltage
VDD = 3 V,
IOL = 6 mA
0.55
V
VDD = 3 V,
VO = 1 V
–24
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
–30
mA
IOH
High level out ut current
VDD = 3.6 V,
VO = 3.135 V
-15
mA
VDD = 3 V,
VO = 1.95 V
26
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
33
mA
OL
VDD = 3.6 V,
VO = 0.4 V
14
† All typical values are at respective nominal VDD.
‡ For IDD over frequency see Figure 7.


Podobny numer części - CDCVF25081DRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCVF25081DRG4 TI-CDCVF25081DRG4 Datasheet
596Kb / 16P
[Old version datasheet]   3.3-V PHASED-LOCK LOOP CLOCK DRIVER
More results

Podobny opis - CDCVF25081DRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCVF25081 TI-CDCVF25081 Datasheet
161Kb / 12P
[Old version datasheet]   3.3-V PHASED-LOCK LOOP CLOCK DRIVER
CDCVF25081PWR TI-CDCVF25081PWR Datasheet
596Kb / 16P
[Old version datasheet]   3.3-V PHASED-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com