Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLA-6T127LF-T Arkusz danych(PDF) 3 Page - TDK Electronics

Numer części TLA-6T127LF-T
Szczegółowy opis  Pulse transformers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

TLA-6T127LF-T Arkusz danych(HTML) 3 Page - TDK Electronics

  TLA-6T127LF-T Datasheet HTML 1Page - TDK Electronics TLA-6T127LF-T Datasheet HTML 2Page - TDK Electronics TLA-6T127LF-T Datasheet HTML 3Page - TDK Electronics TLA-6T127LF-T Datasheet HTML 4Page - TDK Electronics TLA-6T127LF-T Datasheet HTML 5Page - TDK Electronics TLA-6T127LF-T Datasheet HTML 6Page - TDK Electronics TLA-6T127LF-T Datasheet HTML 7Page - TDK Electronics TLA-6T127LF-T Datasheet HTML 8Page - TDK Electronics TLA-6T127LF-T Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
(2/33)
006-02 / 20120414 / edlan_tla.fm
• All specifications are subject to change without notice.
PULSE TRANSFORMERS TLA/ALT Series
Pulse Transformers/Pin Terminal Type
TLA-3T101LF(-T) ISO8802.3(IEEE802.3) 10BASE2/5/-T
FEATURES
• Product conforming to RoHS directive.
• Can be mounted with lead-free solder (260°C max.).
• 16-pin SMD package(1.27mm=50mil pin pitch).
• Using the high-quality and wide-band ferrite cores for LAN.
• Packaging specification is taping and bulk(TLA-3T101LF-T:
Tape and reel, TLA-3T101LF: Bulk).
GENERAL SPECIFICATIONS
SHAPES AND DIMENSIONS
CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
• Ta=25°C
Pulse transformer
3
Port
1
Temperature ranges
Operating
0 to +70°C
Storage
–40 to +85°C
Withstanding voltage
Erms:2000V[60s]
Part No.
Turns ratio
:
:
:
Inductance
( H)typ.[100kHz]
-
-
-
Leakage inductance
( H)max.[100kHz]
-
[
-
shorted]
-
[
-
shorted]
-
[
-
shorted]
Inter-winding
stray capacitance
(pF)max.[100kHz]
-
-
-
DC resistance
( )max.
-
,
-
-
,
-
-
,
-
TLA-3T101LF(-T)
1:1
100
0.25
10
0.35, 0.35
1.27typ.
11.6max.
5.9max.
TDK
∗∗∗
Part No.
Lot No.
0.45typ.
0.25typ.
∗∗∗: Country of origin
Dimensions in mm
0.10max.
N.C. pins:
Dimensions in mm
8.89
1.27
0.9
Secondary signal pattern
(connected No.
-
)
keep out area
Primary signal pattern
(connected No.
-
)
keep out area
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Podobny numer części - TLA-6T127LF-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
TLA-6T127LF TDK-TLA-6T127LF Datasheet
412Kb / 34P
   Pulse transformers
More results

Podobny opis - TLA-6T127LF-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
   Pulse Transformers
logo
C&D Technologies
766 CANDD-766 Datasheet
302Kb / 2P
   Pulse Transformers
logo
List of Unclassifed Man...
76600-1 ETC2-76600-1 Datasheet
302Kb / 2P
   Pulse Transformers
logo
Murata Power Solutions ...
766 MURATA-PS-766 Datasheet
162Kb / 3P
   Pulse Transformers
logo
Bel Fuse Inc.
S553-3855-01 BEL-S553-3855-01 Datasheet
55Kb / 1P
   PULSE TRANSFORMERS
logo
List of Unclassifed Man...
612G ETC2-612G Datasheet
155Kb / 1P
   PULSE TRANSFORMERS
logo
C&D Technologies
1000 CANDD-1000 Datasheet
360Kb / 1P
   Pulse Transformers
786 CANDD-786 Datasheet
142Kb / 2P
   Pulse Transformers
logo
Murata Power Solutions ...
772 MURATA-PS-772 Datasheet
206Kb / 3P
   Pulse Transformers
logo
TDK Electronics
TLA-7T201LF-T TDK-TLA-7T201LF-T Datasheet
412Kb / 34P
   Pulse transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com