Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ160C Arkusz danych(PDF) 9 Page - Formosa MS

Numer części SMAJ160C
Szczegółowy opis  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FORMOSA [Formosa MS]
Strona internetowa  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMAJ160C Arkusz danych(HTML) 9 Page - Formosa MS

Back Button SMAJ160C Datasheet HTML 2Page - Formosa MS SMAJ160C Datasheet HTML 3Page - Formosa MS SMAJ160C Datasheet HTML 4Page - Formosa MS SMAJ160C Datasheet HTML 5Page - Formosa MS SMAJ160C Datasheet HTML 6Page - Formosa MS SMAJ160C Datasheet HTML 7Page - Formosa MS SMAJ160C Datasheet HTML 8Page - Formosa MS SMAJ160C Datasheet HTML 9Page - Formosa MS SMAJ160C Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
0
(
)
3318
"3
*)
%3(
#2+#%(
8
(
#
'312319"918
3,8
0-
./
3
037318

39318
"30(
#,(
#-
12+

39318
"3013,13-
22+
(
3,(
#8
13-,8

-
2423
138


&19"9&18
3
./+
3
(
31(
#8
1(
#3%15'3

39318
"3,-
5+
(
3,8

-
2423


031639318
"3,0-
11+2
71+

(
3 (
8
7(
#1+18
"1)0316
39318
"3,8
0
-

&19% #&18
3
.+
3

(
31+8
031639318
"3
.(
#"8
3
+
/
&3
)
 )
%3(
#2
24/23

*8
1233#'(
#3#8
39318
"381 4 2 9"(
%(
8
:811;<1;

&3
)
 )
%3(
#2"
13"#8%3'(
3


+
+
=>??@AB@CBE@FGHIJFKLM
I
@ALKFAKI
C@FM
N?JFKO@AA@A
K
B
PQRB
KS@HT
UVWXVYZ\]
^_`bcdefg
heijkl
i
dmh^noochffkc
pqrspuv
w
ux
Page 9
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Podobny numer części - SMAJ160C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bytes
SMAJ160C BYTES-SMAJ160C Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
SMAJ160C ZSELEC-SMAJ160C Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
SMAJ160C UNIOHM-SMAJ160C Datasheet
342Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
First Silicon Co., Ltd
SMAJ160C FS-SMAJ160C Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
SeCoS Halbleitertechnol...
SMAJ160C SECOS-SMAJ160C Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
More results

Podobny opis - SMAJ160C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com