Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADIS16365AMLZ Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADIS16365AMLZ
Szczegółowy opis  iSensor PC-USB Evaluation System
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADIS16365AMLZ Arkusz danych(HTML) 1 Page - Analog Devices

  ADIS16365AMLZ Datasheet HTML 1Page - Analog Devices ADIS16365AMLZ Datasheet HTML 2Page - Analog Devices ADIS16365AMLZ Datasheet HTML 3Page - Analog Devices ADIS16365AMLZ Datasheet HTML 4Page - Analog Devices ADIS16365AMLZ Datasheet HTML 5Page - Analog Devices ADIS16365AMLZ Datasheet HTML 6Page - Analog Devices ADIS16365AMLZ Datasheet HTML 7Page - Analog Devices ADIS16365AMLZ Datasheet HTML 8Page - Analog Devices ADIS16365AMLZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
iSensor
® PC-USB Evaluation System
Preliminary Technical Data
ADISUSBZ
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 200
8 Analog Devices, Inc. All rights reserved.
GENERAL DESCRIPTION
The ADISUSB is a PC-USB evaluation system that enables basic
demonstration of many SPI-output iSensor
® products (sold
separately). It provides 2mm screw holes for simple attachment
of all iSensor
® products listed in Table 2, along with all
necessary cabling for connecting these devices to the USB port.
This system provides sensor data on-demand, through the USB,
at read rates up to 900SPS. Since the USB ports are serviced by
their PC’s interrupt structure, sampling in this system in not
perfectly coherent. However, in most PCs, the sample
coherence is sufficient for most datasheet parametric
verification, including in-run bias stability. This system will
run on MS Windows
® XP, NT, and 2000.
Table 1. Kit Contents
1
1
2
1
1
ADISUSBZ PCB
A-to-B USB Cable, 6 feet
2mm stainless steel screws
12-pin, 2mm ribbon cable (ADIS16xxx/PCBZ)
i
Sensor
® Documentation CD
GETTING STARTED QUICKLY
Step #1 - Download software to PC
Go to www.analog.com/isensor-evaluation, click on “Evaluation
Software Downloads,” click on the appropriate software
package, and follow the prompts to save it to a temporary
location on the local PC. The iSensor
® Documentation CD
provides software packages as well, but the iSensor Evaluation
Tool web site provides the latest versions of each software
package.
Step #2 - Install evaluation software package
Unzip the installation package to a temporary location, and
then double-click on setup.exe, and follow the prompts. When
asked to replace system files, click “No,” and the evaluation
software will still work fine. Refer to Figure 1, Figure 2, and
Figure 3 for windows that will appear during this step.
Step #3 - Install giveio.exe driver
The giveio.exe driver is located in the software’s new directory,
which is normally under a subdirectory called “Analog Devices
i
Sensor
®,” located in the Program Files folder. Double-click on
the file, giveio.exe, and follow the prompts to install this driver.
Refer to Figure 4, Figure 5, and Figure 6 for windows that will
appear during this Step.
Step #4 - Install USB driver
Connect the A-to-B USB cable to the PC, and then to the
ADISUSBZ PCB. The USB driver installation screen will
automatically appear on the screen in a few seconds. Follow the
prompts to install this driver. On some machines, the driver
installation screen will appear again, after clicking on “Finish.”
In this case, follow the prompts and complete the process. Refer
to Figure 7 and Figure 8 for the windows that will appear during
this step. Once complete, disconnect the cable from the
ADISUSBZ.
Step #5 - Connect ADIS16xxx/PCB to USB Interface PCB
Use the provided 2mm machine screws to secure the product
under test. Refer to Figure 9 through Figure 12 for alignment
assistance. The ADIS16xxx/PVBZ parts also require the 12-pin
ribbon cable installation displayed in these figures.
Table 2. JP1 Power Supply Settings
+3.3V
+5V
ADIS16003/PCBZ
ADIS16006/PCBZ
ADIS16201/PCBZ
ADIS16203/PCBZ
ADIS16204/PCBZ
ADIS16209/PCBZ
ADIS16003/PCBZ
ADIS16006/PCBZ
ADIS16080/PCBZ
ADIS16100/PCB
ADIS16250/PCBZ
ADIS16251/PCBZ
ADIS16255/PCBZ
ADIS16300AMLZ
ADIS16350AMLZ
ADIS16354AMLZ
ADIS16355AMLZ
ADIS16365AMLZ
Note: If a product is listed twice, it can be run at +3.3 or +5V.
Step #6 - Launch evaluation software
Hook the ADISUSBZ to the USB cable and then launch the
evaluation software by double clicking on its *.exe file. The
program will also be in the Start Programs menu in Windows.
Figure 15 though Figure 21 offers some basic insights into the
operation of each product’s evaluation software. Note to
European users: some software is sensitive to the decimal
notation. If large or unreasonable numbers are observed,
change the PC’s regional setting to USA. Software packages are
being updated to fix this, but were not complete at the time of
this document’s release.
ORDERING GUIDE
Model
Package Description
ADISUSBZ
i
Sensor™ PC-USB Evaluation System


Podobny numer części - ADIS16365AMLZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADIS16365 AD-ADIS16365 Datasheet
448Kb / 20P
   Tri-Axis Inertial Sensor
Rev. PrA
ADIS16365/PCBZ AD-ADIS16365/PCBZ Datasheet
448Kb / 20P
   Tri-Axis Inertial Sensor
Rev. PrA
ADIS16365BMLZ AD-ADIS16365BMLZ Datasheet
448Kb / 20P
   Tri-Axis Inertial Sensor
Rev. PrA
ADIS16365BMLZ AD-ADIS16365BMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Podobny opis - ADIS16365AMLZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADISEVAL AD-ADISEVAL Datasheet
819Kb / 9P
   iSensor??PC Evaluation System
Rev. Pr.A, 8/10/06
logo
Maxim Integrated Produc...
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
logo
Exar Corporation
XRT5794ES EXAR-XRT5794ES Datasheet
1Mb / 11P
   Evaluation System
logo
Maxim Integrated Produc...
MAX17823HEVKIT MAXIM-MAX17823HEVKIT Datasheet
1Mb / 40P
   Evaluation System
Rev 1; 5/19
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
   MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
   MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com