Zakładka z wyszukiwarką danych komponentów |
|
PZTA13 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
PZTA13 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 13 page Electrical Characteristics TA = 25°C unless otherwise noted OFF CHARACTERISTICS Symbol Parameter Test Conditions Min Max Units V(BR)CES Collector-Em itter Breakdown Voltage IC = 100 µA, IB = 0 30 V ICBO Collector-Cutoff Current VCB = 30 V, IE = 0 100 nA IEBO Em itter-Cutoff Current VEB = 10 V, IC = 0 100 nA ON CHARACTERISTICS* hFE DC Current Gain IC = 10 mA, VCE = 5.0 V IC = 100 mA, VCE = 5.0 V 5,000 10,000 VCE(sat) Collector-Emitter Saturation Voltage IC = 100 mA, IB = 0.1 mA 1.5 V VBE(on) Base-Emitter On Voltage IC = 100 mA, VCE = 5.0 V 2.0 V SMALL SIGNAL CHARACTERISTICS *Pulse Test: Pulse Width £ 300 ms, Duty Cycle £ 2.0% fT Current Gain - Bandwidth Product IC = 10 mA, VCE = 10 V, f = 100 MHz 125 MHz NPN Darlington Transistor (continued) |
Podobny numer części - PZTA13 |
|
Podobny opis - PZTA13 |