Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD876JR Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD876JR
Szczegółowy opis  10-Bit 20 MSPS 160 mW CMOS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD876JR Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD876JR Datasheet HTML 6Page - Analog Devices AD876JR Datasheet HTML 7Page - Analog Devices AD876JR Datasheet HTML 8Page - Analog Devices AD876JR Datasheet HTML 9Page - Analog Devices AD876JR Datasheet HTML 10Page - Analog Devices AD876JR Datasheet HTML 11Page - Analog Devices AD876JR Datasheet HTML 12Page - Analog Devices AD876JR Datasheet HTML 13Page - Analog Devices AD876JR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
–10–
AD876
AD876
+5V
8
6
5
7
1/2
AD826
2
3
6
1/2
AD826
4
REFT
REFB
REFTS
REFTF
REFBS
REFBF
C3
0.1 F
C4
0.1 F
C2
0.1 F
C5
0.1 F
C1
0.1 F
Figure 19. Kelvin Connected Reference Using the AD826
By connecting the op amp feedback through the sense connec-
tions of the AD876, the outputs of the op amps automatically
adjust to compensate for the voltage drops that occur within
the converter. The AD826 has the advantage of being able to
maintain stability while driving unlimited capacitive loads. As a
result, 0.1
µF capacitors C1, C2, and C3 can connect directly
to the outputs of the op amps. These decoupling capacitors
reduce high frequency transients. Capacitors C4 and C5 shunt
across the internal resistors of the force sense connections and
prevent instability.
This configuration provides excellent performance and a mini-
mal number of components. The circuit also offers the advan-
tage of operating from a single +5 V supply. While alternative
op amps may also be suitable, consider the stability of these op
amps while driving capacitive loads.
The circuit shown in Figure 20 allows a wider selection of op
amps when compared with the previous configuration. An
AD876
1/2
OP-295
10 F
0.1 F
REFT
REFTS
REFTF
47nF
20k
10
1/2
OP-295
10 F
0.1 F
REFB
REFBS
REFBF
47nF
20k
10
22 F
Figure 20. Kelvin Connected Reference Using the OP295
OP295 dual, single-supply op amp provides stable 3.6 V and
1.6 V reference voltages. The AD822 dual op amp is also suit-
able for single-supply applications. Each half of the OP295 is
compensated to drive the 10
µF and 0.1 µF decoupling capaci-
tors at the REFTF and REFBF pins and maintain stability.
Like any high resolution converter, the layout and decoupling of
the reference is critical. The actual voltage digitized by the
AD876 is relative to the reference voltages. In Figure 21, for
example, the reference return and the bypass capacitors are
connected to the shield of the incoming analog signal. Distur-
bances in the ground of the analog input, that will be common-
mode to the REFT, REFB, and AIN pins because of the
common ground, are effectively removed by the AD876’s high
common-mode rejection.
High frequency noise sources, VN1 and VN2, are shunted to
ground by decoupling capacitors. Any voltage drops between
the analog input ground and the reference bypassing points will
be treated as input signals by the converter via the reference
inputs. Consequently, the reference decoupling capacitors
should be connected to the same analog ground point used to
define the analog input voltage. (For further suggestions, see
the “Grounding and Layout Rules” section of the data sheet.)
4V
VN1
2V
VN2
REFTF
REFBF
AIN
AD876
Figure 21. Recommended Bypassing for the Reference
Inputs
CLOCK INPUT
The AD876 clock input is buffered internally with an inverter
powered from the DRVDD pin. This feature allows the AD876
to accommodate either +5 V or +3.3 V CMOS logic input sig-
nal swings with the input threshold for the CLK pin nominally
at DRVDD/2.
The AD876’s pipelined architecture operates on both rising and
falling edges of the input clock. To minimize duty cycle varia-
tions the recommended logic family to drive the clock input is
high speed or advanced CMOS (HC/HCT, AC/ACT) logic.
CMOS logic provides both symmetrical voltage threshold levels
and sufficient rise and fall times to support 20 MSPS operation.
The AD876 is designed to support a conversion rate of 20 MSPS;
running the part at slightly faster clock rates may be possible,
although at reduced performance levels. Conversely, some
slight performance improvements might be realized by clocking
the AD876 at slower clock rates.
The power dissipated by the correction logic and output buffers
is largely proportional to the clock frequency; running at reduced
clock rates provides a reduction in power consumption. Figure
8 illustrates this trade-off.
DIGITAL INPUTS AND OUTPUTS
Each of the AD876 digital control inputs, THREE-STATE and
STBY, has an input buffer powered from the DRVDD supply
pins. With DRVDD set to +5 V, all digital inputs readily inter-
face with +5 V CMOS logic. For interfacing with lower voltage
CMOS logic, DRVDD can be set to 3.3 V, effectively lowering
the nominal input threshold of all digital inputs to 3.3 V/2 =
1.65 V.
The format of the digital output is straight binary. Table I shows
the output format for the case where REFTS = 4 V and REFBS
= 2 V.


Podobny numer części - AD876JR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD876JR AD-AD876JR Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876JR AD-AD876JR Datasheet
370Kb / 17P
   CMOS A/D Converter
AD876JR-8 AD-AD876JR-8 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876JR-8 AD-AD876JR-8 Datasheet
370Kb / 17P
   CMOS A/D Converter
AD876JRS AD-AD876JRS Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results

Podobny opis - AD876JR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD9200 AD-AD9200 Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com