Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1851RZ-J Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD1851RZ-J
Szczegółowy opis  16-Bit/18-Bit, 16 3 FS PCM Audio DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1851RZ-J Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD1851RZ-J Datasheet HTML 4Page - Analog Devices AD1851RZ-J Datasheet HTML 5Page - Analog Devices AD1851RZ-J Datasheet HTML 6Page - Analog Devices AD1851RZ-J Datasheet HTML 7Page - Analog Devices AD1851RZ-J Datasheet HTML 8Page - Analog Devices AD1851RZ-J Datasheet HTML 9Page - Analog Devices AD1851RZ-J Datasheet HTML 10Page - Analog Devices AD1851RZ-J Datasheet HTML 11Page - Analog Devices AD1851RZ-J Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD1851/AD1861
REV. A
–10–
OTHER DIGITAL AUDIO COMPONENTS AVAILABLE
FROM ANALOG DEVICES
2
3
4
5
6
7
89
10
11
12
13
14
15
16
16-BIT
LATCH
16-BIT
DAC
SERIAL
INPUT
REGISTER
CONTROL
LOGIC
AD1856
–VS
DGND
NC
CLK
LE
DATA
–VL
+VL
NC = NO CONNECT
+VS
TRIM
MSB ADJ
IOUT
AGND
SJ
RF
VOUT
1
IOUT
AD1856 16-BIT AUDIO DAC
Complete, No External Components Required
0.0025% THD
Low Cost
16-Pin DIP or SOIC Package
Standard Pinout
–VS
CLK
LE
DATA
ADJ
IOUT
AGND
RF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VOLTAGE
REFERENCE
INPUT
AND
DIGITAL
OFFSET
20-BIT
DAC
AD1862
NC = NO CONNECT
+VL
–VL
+VS
TRIM
–VS
NR2
NR1
DGND
AD1862 20-BIT AUDIO DAC
119 dB Signal-to-Noise Ratio
0.0016% THD+N
102 dB D-Range Performance
±1 dB Gain Linearity
16-Pin DIP
2
3
4
5
6
7
89
10
11
12
13
14
15
16
18-BIT
LATCH
18-BIT
DAC
SERIAL
INPUT
REGISTER
CONTROL
LOGIC
AD1860
–VS
DGND
NC
CLK
LE
DATA
–VL
+VL
NC = NO CONNECT
+VS
TRIM
MSB ADJ
IOUT
AGND
SJ
RF
VOUT
1
IOUT
AD1860 18-BIT AUDIO DAC
Complete, No External Components Required
0.0025% THD+N
108 dB Signal-to-Noise Ratio
16-Pin DIP or SOIC Package
Standard Pinout
1
2
3
4
5
6
7
8
9
10
11
12
TRIM
MSB
IOUT
AGND
SJ
DR
LR
CK
18-BIT
LATCH
REFERENCE
18-BIT
LATCH
DGND
TRIM
MSB
AGND
SJ
DL
LL
20
13
14
15
16
17
18
19
21
22
23
24
REFERENCE
18-BIT
D/A
18-BIT
D/A
AD1864
+
+
VOUT
–VS
RF
+VL
+VS
IOUT
RF
VOUT
–VL
AD1864 DUAL 18-BIT AUDIO DAC
Complete, No External Components
0.0025% THD+N
108 dB Signal-to-Noise Ratio
Cophased Outputs
24-Pin Package


Podobny numer części - AD1851RZ-J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1851RZ-REEL7 AD-AD1851RZ-REEL7 Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
More results

Podobny opis - AD1851RZ-J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1851RZ AD-AD1851RZ Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
AD1851 AD-AD1851 Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1851RZ-REEL7 AD-AD1851RZ-REEL7 Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
AD1861 AD-AD1861_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16FS PCM Audio DACs
REV. A
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
AD1865 AD-AD1865 Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
logo
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
logo
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621 Datasheet
533Kb / 16P
   16-Bit DACs with 16-Channel
Rev 1; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com