Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1851N-J Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD1851N-J
Szczegółowy opis  16-Bit/18-Bit, 16 3 FS PCM Audio DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1851N-J Arkusz danych(HTML) 2 Page - Analog Devices

  AD1851N-J Datasheet HTML 1Page - Analog Devices AD1851N-J Datasheet HTML 2Page - Analog Devices AD1851N-J Datasheet HTML 3Page - Analog Devices AD1851N-J Datasheet HTML 4Page - Analog Devices AD1851N-J Datasheet HTML 5Page - Analog Devices AD1851N-J Datasheet HTML 6Page - Analog Devices AD1851N-J Datasheet HTML 7Page - Analog Devices AD1851N-J Datasheet HTML 8Page - Analog Devices AD1851N-J Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
AD1851/AD1861–SPECIFICATIONS (T
A @ +25 C and
5 V supplies, unless otherwise noted)
NC = NO CONNECT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
16-BIT
LATCH
16-BIT
DAC
SERIAL
INPUT
REGISTER
CONTROL
LOGIC
AD1851
DGND
NC
CLK
LE
DATA
TRIM
MSB ADJ
AGND
SJ
NC
–VS
+VL
+VS
IOUT
RF
VOUT
IOUT
AD1851 Functional Block Diagram
NC = NO CONNECT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
16-BIT
LATCH
16-BIT
DAC
SERIAL
INPUT
REGISTER
CONTROL
LOGIC
AD1851
DGND
NC
CLK
LE
DATA
TRIM
MSB ADJ
AGND
SJ
NC
–VS
+VL
+VS
IOUT
RF
VOUT
IOUT
AD1861 Functional Block Diagram
Min
Typ
Max
Units
DIGITAL INPUTS
VIH
2.0
+VL
V
VIL
0.8
V
IIH, VIH = VL
1.0
µA
IIL, VIL = 0.4
–10
µA
ACCURACY
Gain Error
±1%
Midscale Output Voltage
±10
mV
DRIFT (0
°C to +70°C)
Total Drift
±25
ppm of FSR/
°C
Bipolar Zero Drift
±4
ppm of FSR/
°C
SETTLING TIME (To
±0.0015% of FSR)
Voltage Output
6 V Step
1.5
µs
1 LSB Step
1.0
µs
Slew Rate
9
V/
µs
Current Output
1 mA Step 10
Ω to 100 Ω Load
350
ns
1 k
Ω Load
350
ns
OUTPUT
Voltage Output Configuration
Bipolar Range
2.88
±3.0
3.12
V
Output Current
±8mA
Output Impedance
0.1
Short Circuit Duration
Indefinite to Common
Current Output Configuration
Bipolar Range (
±30%)
±1.0
mA
Output Impedance (
±30%)
1.7
k
POWER SUPPLY
Voltage
+VL and +VS
4.75
5.25
V
–VS
–5.25
–4.75
V
TEMPERATURE RANGE
Specification
0
+25
+70
°C
Operation
–25
+70
°C
Storage
–60
+100
°C
WARM-UP TIME
1
min
Specifications subject to change without notice.


Podobny numer części - AD1851N-J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1851N-J AD-AD1851N-J Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1851N-J AD-AD1851N-J Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
More results

Podobny opis - AD1851N-J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1851RZ AD-AD1851RZ Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
AD1851 AD-AD1851 Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1851RZ-REEL7 AD-AD1851RZ-REEL7 Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
AD1861 AD-AD1861_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16FS PCM Audio DACs
REV. A
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
AD1865 AD-AD1865 Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
logo
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
logo
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621 Datasheet
533Kb / 16P
   16-Bit DACs with 16-Channel
Rev 1; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com