Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7111BQ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD7111BQ
Szczegółowy opis  LC2MOS LOGDAC Logarithmic D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7111BQ Arkusz danych(HTML) 7 Page - Analog Devices

  AD7111BQ Datasheet HTML 1Page - Analog Devices AD7111BQ Datasheet HTML 2Page - Analog Devices AD7111BQ Datasheet HTML 3Page - Analog Devices AD7111BQ Datasheet HTML 4Page - Analog Devices AD7111BQ Datasheet HTML 5Page - Analog Devices AD7111BQ Datasheet HTML 6Page - Analog Devices AD7111BQ Datasheet HTML 7Page - Analog Devices AD7111BQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD7111/AD7111A
REV. 0
–7–
Another error arises from the output amplifier s input offset
voltage. The amplifier is operated with a fixed feedback resis-
tance, but the equivalent source impedance (the AD7111/
AD7111A output impedance) varies as a function of attenuation
level. This has the effect of varying thc “noise” gain of the
amplifier, thus creating a varying error due to amplifier offset
voltage. It is recommended that an amplifier with less than
50
µV of input offset be used (such as the AD OP07 in dc appli-
cations. Amplifiers with higher offset voltage may cause audible
“thumps” in ac applications due to dc output changes.
The AD7111/AD7111A accuracy is specified and tested using
only the internal feedback resistor. Any gain error (i.e., mis-
match of RFB to the R-2R ladder) that may exist in the
AD7111/AD7111A D/A converter circuit results in a constant
attenuation error over the whole range. The AD7111/AD7111A
accuracy is specified relative to 0 dB attenuation, hence “Gain”
trim resistors—R1 and R2 in Figure 1—can be used to adjust
VOUT = VIN precisely (i.e., 0 dB attenuation) with input code
00000000. The accuracy and monotonic range specifications of
the AD7111/AD7111A are not affected in any way by this gain
trim procedure. For the AD7111/AD7111A L/C/U grades, suit-
able values for R1 and R2 of Figure 1 are R1 = 500
Ω, R2 =
180
Ω; for the K/B/T grades, suitable value are R1 = 1000 Ω,
R2 = 270
Ω. For additional information on gain error the reader
is referred to the “CMOS DAC Application Guide,” available
from Analog Devices, Inc., Publication Number G872b–8–1/89.
Typical Performance Characteristics
6
0
5
3
1
1
2
0
5
4
4
3
2
INPUT VOLTAGE – Volts
V
IN APPLIED TO ALL DATA INPUTS
V
DD = +5V
T
A = +25°C
CS = WR = 0V
Figure 6. Typical Supply Current vs. Logic Input Level
0.4
–0.6
30
0.0
–0.4
3
–0.2
0
0.2
27
24
21
18
15
12
9
6
ATTENUATION – dB
* *
* * *
* *
*
* *
* * *
**
*
*
*
* ** *
* ** *
**
*
* *
* * * * **
*
* * *
* *
*
V
DD = +5V
T
A = +25
°C
Figure 7. Typical Attenuation Error for 0.75 dB Steps
1.0
–1.0
078
0.5
–0.5
6
0.0
66
72
60
48
42
36
30
24
18
12
54
84
ATTENUATION – dB
T
A = +85
°C
T
A = +25
°C
DD
V
= +5V
Figure 8. Typical Attenuation Error for 3 dB Steps vs.
Temperature
Figure 9. Accuracy Specification for K/B/T Grade Devices
at TA = +25°C


Podobny numer części - AD7111BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7111BQ AD-AD7111BQ Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
More results

Podobny opis - AD7111BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
AD7118 AD-AD7118 Datasheet
197Kb / 6P
   LOGDAC CMOS Logarithmic D/A Converter
REV. A
AD7112 AD-AD7112_15 Datasheet
572Kb / 12P
   LC MOS LOGDAC DUAL LOGARITHMIC D/A CONVERTER
REV. 0
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
   CMOS Logarithmic D/A Converter
REV. A
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com