Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7746 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7746
Szczegółowy opis  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7746 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7746 Datasheet HTML 6Page - Analog Devices AD7746 Datasheet HTML 7Page - Analog Devices AD7746 Datasheet HTML 8Page - Analog Devices AD7746 Datasheet HTML 9Page - Analog Devices AD7746 Datasheet HTML 10Page - Analog Devices AD7746 Datasheet HTML 11Page - Analog Devices AD7746 Datasheet HTML 12Page - Analog Devices AD7746 Datasheet HTML 13Page - Analog Devices AD7746 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7745/AD7746
Rev. 0 | Page 10 of 28
2.0
–2.0
–50
150
TEMPERATURE (°C)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–25
0
25
50
75
100
125
Figure 18. Internal Temperature Sensor Error vs. Temperature
1.0
–3.0
–50
150
TEMPERATURE (°C)
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–25
0
25
50
75
100
125
Figure 19. External Temperature Sensor Error vs. Temperature
0
–120
0
1000
INPUT SIGNAL FREQUENCY (Hz)
–20
–40
–60
–80
–100
100
200
300
400
500
600
700
800
900
Figure 20. Capacitance Channel Frequency Response,
Conversion Time = 11 ms
0
–120
0
400
INPUT SIGNAL FREQUENCY (Hz)
–20
–40
–60
–80
–100
50
100
150
200
250
300
350
Figure 21. Capacitance Channel Frequency Response,
Conversion Time = 62 ms
0
–120
0
400
INPUT SIGNAL FREQUENCY (Hz)
–20
–40
–60
–80
–100
50
100
150
200
250
300
350
Figure 22. Capacitance Channel Frequency Response,
Conversion Time = 109.6 ms
0
–120
0
400
INPUT SIGNAL FREQUENCY (Hz)
–20
–40
–60
–80
–100
50
100
150
200
250
300
350
Figure 23. Voltage Channel Frequency Response,
Conversion Time = 122.1 ms


Podobny numer części - AD7746

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7746 AD-AD7746 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746ARUZ AD-AD7746ARUZ Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746ARUZ-REEL AD-AD7746ARUZ-REEL Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746ARUZ-REEL7 AD-AD7746ARUZ-REEL7 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
More results

Podobny opis - AD7746

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747 Datasheet
205Kb / 20P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
AD7745 AD-AD7745 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
Avia Semiconductor Co.,...
HX710 AVIA-HX710 Datasheet
53Kb / 1P
   24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com