Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7745ARUZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7745ARUZ
Szczegółowy opis  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7745ARUZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7745ARUZ Datasheet HTML 5Page - Analog Devices AD7745ARUZ Datasheet HTML 6Page - Analog Devices AD7745ARUZ Datasheet HTML 7Page - Analog Devices AD7745ARUZ Datasheet HTML 8Page - Analog Devices AD7745ARUZ Datasheet HTML 9Page - Analog Devices AD7745ARUZ Datasheet HTML 10Page - Analog Devices AD7745ARUZ Datasheet HTML 11Page - Analog Devices AD7745ARUZ Datasheet HTML 12Page - Analog Devices AD7745ARUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD7745/AD7746
Rev. 0| Page 9 of 28
8
–12
–250
250
CIN LEAKAGE TO GND (nA)
2.7V
3V
6
4
2
0
–2
–4
–6
–8
–10
–200 –150 –100
–50
0
50
100
150
200
Figure 12. Capacitance Input Error vs. Leakage Current to GND,
CIN(+) to EXC = 4 pF, CIN(−) to EXC = 0 pF,
VDD = 2.7 V and 3 V
8
–12
–250
250
CIN LEAKAGE TO GND (nA)
6
4
2
0
–2
–4
–6
–8
–10
–200 –150 –100
–50
0
50
100
150
200
3.3V
5V
Figure 13. Capacitance Input Error vs. Leakage Current to GND,
CIN(+) to EXC =4 pF, CIN(−) to EXC = 0 pF,
VDD=3.3 V and 5 V
10
0.0001
1
100000
PARALLEL RESISTANCE (M
Ω)
1
0.1
0.01
0.001
10
100
1000
10000
Figure 14. Capacitance Input Error vs. Resistance in Parallel
with Measured Capacitance
0
–10
07
SERIAL RESISTANCE (k
Ω)
–2
–4
–6
–8
12345
6
Figure 15. Capacitance Input Error vs. Serial Resistance,
CIN(+) to EXC = 21 pF, CIN(−) to EXC = 23 pF, VDD = 5 V,
the Same Configuration as in Figure 34.
0.2
–1.0
2.5
5.5
VDD (V)
0
–0.2
–0.4
–0.6
–0.8
3.0
3.5
4.0
4.5
5.0
Figure 16. Capacitance Input Power Supply Rejection (PSR),
CIN(+) to EXC = 4 pF, the Same Configuration as in Figure 30
0.20
–0.20
0
128
CAPDAC CODE
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
16
32
48
64
80
96
112
Figure 17. CAPDAC Differential Nonlinearity (DNL)


Podobny numer części - AD7745ARUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7745ARUZ AD-AD7745ARUZ Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745ARUZ-REEL AD-AD7745ARUZ-REEL Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745ARUZ-REEL7 AD-AD7745ARUZ-REEL7 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
More results

Podobny opis - AD7745ARUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747 Datasheet
205Kb / 20P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
AD7745 AD-AD7745 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
Avia Semiconductor Co.,...
HX710 AVIA-HX710 Datasheet
53Kb / 1P
   24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com