Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7745ARUZ-REEL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7745ARUZ-REEL7
Szczegółowy opis  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7745ARUZ-REEL7 Arkusz danych(HTML) 5 Page - Analog Devices

  AD7745ARUZ-REEL7 Datasheet HTML 1Page - Analog Devices AD7745ARUZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7745ARUZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7745ARUZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7745ARUZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7745ARUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7745ARUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7745ARUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7745ARUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7745/AD7746
Rev. 0| Page 5 of 28
TIMING SPECIFICATIONS
VDD = 2.7 V to 3.6 V, or 4.75 V to 5.25 V; GND = 0 V; Input Logic 0 = 0 V; Input Logic 1 = VDD; –40°C to +125°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SERIAL INTERFACE1, 2
See Figure 3
SCL Frequency
0
400
kHz
SCL High Pulse Width, tHIGH
0.6
µs
SCL Low Pulse Width, tLOW
1.3
µs
SCL, SDA Rise Time, tR
0.3
µs
SCL, SDA Fall Time, tF
0.3
µs
Hold Time (Start Condition), tHD;STA
0.6
µs
After this period, the first clock is generated
Set-Up Time (Start Condition), tSU;STA
0.6
µs
Relevant for repeated start condition
Data Set-Up Time, tSU;DAT
0.25
µs
VDD ≥ 3.0 V
Data Set-Up Time, tSU;DAT
0.35
µs
VDD < 3.0 V
Set-Up Time (Stop Condition), tSU;STO
0.6
µs
Data Hold Time, tHD;DAT (Master)
0
µs
Bus-Free Time (Between Stop and Start Condition, tBUF)
1.3
µs
1 Sample tested during initial release to ensure compliance.
2 All input signals are specified with input rise/fall times = 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and outputs.
Output load = 10 pF.
P
S
tLOW
tR
tF
tHD:STA
tHD:DAT
tSU:DAT
tSU:STA
tHD:STA
tSU:STO
tHIGH
SCL
PS
SDA
tBUF
Figure 3. Serial Interface Timing Diagram


Podobny numer części - AD7745ARUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7745ARUZ-REEL7 AD-AD7745ARUZ-REEL7 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
More results

Podobny opis - AD7745ARUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747 Datasheet
205Kb / 20P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
AD7745 AD-AD7745 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
Avia Semiconductor Co.,...
HX710 AVIA-HX710 Datasheet
53Kb / 1P
   24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com