Zakładka z wyszukiwarką danych komponentów |
|
AD7951BCPZRL Arkusz danych(PDF) 1 Page - Analog Devices |
|
AD7951BCPZRL Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 32 page 14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR® ADC Data Sheet AD7951 Rev. A Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2006–2012 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES Multiple pins/software programmable input ranges: 5 V, 10 V, ±5 V, ±10 V Pins or serial SPI® compatible input ranges/mode selection Throughput 1 MSPS (warp mode) 800 kSPS (normal mode) 670 kSPS (impulse mode) 14-bit resolution with no missing codes INL: ±0.3 LSB typ, ±1 LSB max (±61 ppm of FSR) SNR: 85 dB @ 2 kHz iCMOS® process technology 5 V internal reference: typical drift 3 ppm/°C; TEMP output No pipeline delay (SAR architecture) Parallel (14- or 8-bit bus) and serial 5 V/3.3 V interface SPI-/QSPI™-/MICROWIRE™-/DSP-compatible Power dissipation: 10 mW @ 100 kSPS 235 mW @ 1 MSPS 48-lead LQFP and LFCSP (7 mm × 7 mm) packages APPLICATIONS Process control Medical instruments High speed data acquisition Digital signal processing Instrumentation Spectrum analysis ATE GENERAL DESCRIPTION The AD7951 is a 14-bit, charge redistribution, successive approximation register (SAR) architecture analog-to-digital converter (ADC) fabricated on Analog Devices, Inc.’s iCMOS high voltage process. The device is configured through hardware or via a dedicated write only serial configuration port for input range and operating mode. The AD7951 contains a high speed 14-bit sampling ADC, an internal conversion clock, an internal reference (and buffer), error correction circuits, and both serial and parallel system interface ports. A falling edge on CNVST samples the analog input on IN+ with respect to a ground sense, IN−. The AD7951 features four different analog input ranges and three different sampling modes: warp mode for the fastest throughput, normal mode for the fastest asynchronous throughput, and impulse mode where power is scaled with throughput. Operation is specified from −40°C to +85°C. FUNCTIONAL BLOCK DIAGRAM 14 CONTROL LOGIC AND CALIBRATION CIRCUITRY CLOCK AD7951 DGND DVDD AVDD AGND REF REFGND IN+ PD RESET CNVST PDBUF REFBUFIN PDREF REF TEMP D[13:0] BUSY RD CS OB/2C OGND OVDD BYTESWAP SER/PAR REF AMP SERIAL DATA PORT PARALLEL INTERFACE SWITCHED CAP DAC VCC VEE WARP IMPULSE BIPOLAR TEN SERIAL CONFIGURATION PORT IN– Figure 1. Table 1. 48-Lead 14-/16-/18-Bit PulSAR Selection Type 100 kSPS to 250 kSPS 500 kSPS to 570 kSPS 570 kSPS to 1000 kSPS >1000 kSPS Pseudo Differential AD7651 AD7660 AD7661 AD7650 AD7652 AD7664 AD7666 AD7653 AD7667 True Bipolar AD7610 AD7663 AD7665 AD7951 AD7612 AD7671 True Differential AD7675 AD7676 AD7677 AD7621 AD7622 AD7623 18-Bit, True Differential AD7678 AD7679 AD7674 AD7641 AD7643 Multichannel/ Simultaneous AD7654 AD7655 |
Podobny numer części - AD7951BCPZRL |
|
Podobny opis - AD7951BCPZRL |