Zakładka z wyszukiwarką danych komponentów |
|
AD7918BRUZ-REEL7 Arkusz danych(PDF) 1 Page - Analog Devices |
|
AD7918BRUZ-REEL7 Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 32 page 8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP AD7908/AD7918/AD7928 Rev. D Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2006–2010 Analog Devices, Inc. All rights reserved. FEATURES Fast throughput rate: 1 MSPS Specified for AVDD of 2.7 V to 5.25 V Low power 6.0 mW max at 1 MSPS with 3 V supply 13.5 mW max at 1 MSPS with 5 V supply Eight (single-ended) inputs with sequencer Wide input bandwidth AD7928, 70 dB min SINAD at 50 kHz input frequency Flexible power/serial clock speed management No pipeline delays High speed serial interface SPI®/QSPI™/ MICROWIRE™/DSP compatible Shutdown mode: 0.5 μA max 20-lead TSSOP package Qualified for automotive applications GENERAL DESCRIPTION The AD7908/AD7918/AD7928 are, respectively, 8-bit, 10-bit, and 12-bit, high speed, low power, 8-channel, successive approximation ADCs. The parts operate from a single 2.7 V to 5.25 V power supply and feature throughput rates up to 1 MSPS. The parts contain a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 8 MHz. The conversion process and data acquisition are controlled using CS and the serial clock signal, allowing the device to easily interface with microprocessors or DSPs. The input signal is sampled on the falling edge of CS and conversion is also initiated at this point. There are no pipeline delays associated with the part. The AD7908/AD7918/AD7928 use advanced design techniques to achieve very low power dissipation at maximum throughput rates. At maximum throughput rates, the AD7908/AD7918/AD7928 consume 2 mA maximum with 3 V supplies; with 5 V supplies, the current consumption is 2.7 mA maximum. Through the configuration of the control register, the analog input range for the part can be selected as 0 V to REFIN or 0 V to 2 × REFIN, with either straight binary or twos complement output coding. The AD7908/AD7918/AD7928 each feature eight single- ended analog inputs with a channel sequencer to allow a preprogrammed selection of channels to be converted sequentially. The conversion time for the AD7908/AD7918/AD7928 is determined by the SCLK frequency, which is also used as the master clock to control the conversion. FUNCTIONAL BLOCK DIAGRAM • • • • • • • • • • • • • T/H I/P MUX SEQUENCER CONTROL LOGIC GND SCLK DOUT DIN CS AD7908/AD7918/AD7928 REFIN VIN0 VIN7 AVDD 8-/10-/12-BIT SUCCESSIVE APPROXIMATION ADC VDRIVE Figure 1. PRODUCT HIGHLIGHTS 1. High Throughput with Low Power Consumption. The AD7908/ AD7918/AD7928 offer up to 1 MSPS throughput rates. At the maximum throughput rate with 3 V supplies, the AD7908/ AD7918/AD7928 dissipate just 6 mW of power maximum. 2. Eight Single-Ended Inputs with a Channel Sequencer. A sequence of channels can be selected, through which the ADC cycles and converts on. 3. Single-Supply Operation with VDRIVE Function. The AD7908/ AD7918/AD7928 operate from a single 2.7 V to 5.25 V supply. The VDRIVE function allows the serial interface to connect directly to either 3 V or 5 V processor systems independent of AVDD. 4. Flexible Power/Serial Clock Speed Management. The conversion rate is determined by the serial clock, allowing the conversion time to be reduced through the serial clock speed increase. The parts also feature various shutdown modes to maximize power efficiency at lower throughput rates. Current consumption is 0.5 μA max when in full shutdown. 5. No Pipeline Delay. The parts feature a standard successive approximation ADC with accurate control of the sampling instant via a CS input and once off conversion control. |
Podobny numer części - AD7918BRUZ-REEL7 |
|
Podobny opis - AD7918BRUZ-REEL7 |