Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8182AR Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD8182AR
Szczegółowy opis  750 MHz, 3.8 mA 10 ns Switching Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8182AR Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD8182AR Datasheet HTML 4Page - Analog Devices AD8182AR Datasheet HTML 5Page - Analog Devices AD8182AR Datasheet HTML 6Page - Analog Devices AD8182AR Datasheet HTML 7Page - Analog Devices AD8182AR Datasheet HTML 8Page - Analog Devices AD8182AR Datasheet HTML 9Page - Analog Devices AD8182AR Datasheet HTML 10Page - Analog Devices AD8182AR Datasheet HTML 11Page - Analog Devices AD8182AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8180/AD8182
–10–
REV. B
EVALUATION BOARD
Evaluation boards for the AD8180R and AD8182R are available
which have been carefully laid out and tested to demonstrate the
specified high speed performance of the devices. Figure 26 and
Figure 27 show the schematics of the AD8180 and AD8182
evaluation boards respectively. For ordering information, please
refer to the Ordering Guide.
Because the footprint of the AD8180 fits directly on to that of
the AD8182, one board layout can be used for both devices. In the
case of the AD8180, only the top half of the board is populated.
Figure 28 shows the silkscreen of the component side and Fig-
ure 30 shows the silkscreen of the solder side. Figures 29 and 31
show the layout of the component side and solder side respectively.
The evaluation board is provided with 49.9
Ω termination resis-
tors on all inputs. This is to allow the performance to be evalu-
ated at very high frequencies where 50
Ω termination is most
popular. To use the evaluation board in video applications, the
termination resistors should be replaced with 75
Ω resistors.
The multiplexer outputs are loaded with 4.99 k
Ω resistors. In
order to avoid large gain errors, these load resistors should be
greater than or equal to 1 k
Ω. For connection to external instru-
ments, oscilloscope scope probe adapters are provided. This
allows direct connection of FET probes to the board. For verifi-
cation of data sheet specifications, use of FET probes with a
bandwidth > 1 GHz is recommended because of their low input
capacitance. The probe adapters used on the board have the
same footprint as SMA, SMB and SMC type connectors allow-
ing easy replacement if necessary.
8
7
6
5
+VS
C4
10 F
C1
0.1 F
R10
49.9
1
2
3
4
AD8180R
DECODER
+1
+1
+
R1
49.9
IN1
IN0
SELECT
R9
49.9
ENABLE
R8
49.9
+
–VS
C3
10 F
C2
0.1 F
R7
4.99k
OUT
(SCOPE PROBE
ADAPTER)
UNLESS OTHERWISE NOTED, CONNECTORS ARE SMA TYPE
Figure 26. AD8180R Evaluation Board
–VS
+
+VS
C1
0.1 F
C4
10 F
R10
49.9
1
2
3
4
14
13
12
11
AD8182R
5
6
7
10
9
8
DECODER
+1
+1
DECODER
+1
+1
R1
49.9
IN1 A
IN0 A
R9
49.9
SELECT A
R8
49.9
ENABLE A
R2
49.9
IN1 B
IN0 B
R3
49.9
R4
49.9
SELECT B
R5
49.9
ENABLE B
+
C3
10 F
C2
0.1 F
OUTB
(SCOPE PROBE
ADAPTER)
OUTA
(SCOPE PROBE
ADAPTER)
R6
4.99k
R7
4.99k
UNLESS OTHERWISE NOTED, CONNECTORS ARE SMA TYPE
Figure 27. AD8182R Evaluation Board


Podobny numer części - AD8182AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8182AR AD-AD8182AR Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AR AD-AD8182AR Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AR-REEL AD-AD8182AR-REEL Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AR-REEL AD-AD8182AR-REEL Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AR-REEL7 AD-AD8182AR-REEL7 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
More results

Podobny opis - AD8182AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8180 AD-AD8180 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180ARZ AD-AD8180ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8182 AD-AD8182_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8170 AD-AD8170 Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170ARZ AD-AD8170ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
logo
TAI-SAW TECHNOLOGY CO.,...
TC0648B TAI-SAW-TC0648B Datasheet
394Kb / 6P
   750 MHz SMD 3.8 x 3.8 mm SAW Resonator
logo
Analog Devices
ADP3088 AD-ADP3088 Datasheet
623Kb / 11P
   1 MHz, 750 mA Buck Regulator
REV. PrK 3/28/02
ADP3088 AD-ADP3088_15 Datasheet
1Mb / 16P
   1 MHz, 750 mA Buck Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com