Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8350ARZ15-REEL7 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD8350ARZ15-REEL7
Szczegółowy opis  Low Distortion 1.0 GHz Differential Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8350ARZ15-REEL7 Arkusz danych(HTML) 1 Page - Analog Devices

  AD8350ARZ15-REEL7 Datasheet HTML 1Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 2Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 3Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 4Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 5Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 6Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 7Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 8Page - Analog Devices AD8350ARZ15-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD8350
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
© Analog Devices, Inc.,
Low Distortion
1.0 GHz Differential Amplifier
FEATURES
High Dynamic Range
Output IP3: +28 dBm: Re 50
@ 250 MHz
Low Noise Figure: 5.9 dB @ 250 MHz
Two Gain Versions:
AD8350-15: 15 dB
AD8350-20: 20 dB
–3 dB Bandwidth: 1.0 GHz
Single Supply Operation: 5 V to 10 V
Supply Current: 28 mA
Input/Output Impedance: 200
Single-Ended or Differential Input Drive
8-Lead SOIC Package and 8-Lead microSOIC Package
APPLICATIONS
Cellular Base Stations
Communications Receivers
RF/IF Gain Block
Differential A-to-D Driver
SAW Filter Interface
Single-Ended-to-Differential Conversion
High Performance Video
High Speed Data Transmission
PRODUCT DESCRIPTION
The AD8350 series are high performance fully-differential
amplifiers useful in RF and IF circuits up to 1000 MHz. The
amplifier has excellent noise figure of 5.9 dB at 250 MHz. It
offers a high output third order intercept (OIP3) of +28 dBm
at 250 MHz. Gain versions of 15 dB and 20 dB are offered.
The AD8350 is designed to meet the demanding performance
requirements of communications transceiver applications. It
enables a high dynamic range differential signal chain, with
exceptional linearity and increased common-mode rejection.
The device can be used as a general purpose gain block, an
A-to-D driver, and high speed data interface driver, among
other functions. The AD8350 input can also be used as a single-
ended-to-differential converter.
The amplifier can be operated down to 5 V with an OIP3 of
+28 dBm at 250 MHz and slightly reduced distortion perfor-
mance. The wide bandwidth, high dynamic range and temperature
stability make this product ideal for the various RF and IF
frequencies required in cellular, CATV, broadband, instrumen-
tation and other applications.
The AD8350 is offered in an 8-lead single SOIC package and
µSOIC package. It operates from 5 V and 10 V power supplies,
drawing 28 mA typical. The AD8350 offers a power enable func-
tion for power-sensitive applications. The AD8350 is fabricated
using Analog Devices’ proprietary high speed complementary
bipolar process. The device is available in the industrial (–40
°C to
+85
°C) temperature range.
FUNCTIONAL BLOCK DIAGRAM
8-Lead SOIC and
SOIC Packages (with Enable)
1
2
3
4
8
7
6
5
AD8350
IN+
IN–
ENBL
OUT+
OUT–
VCC
GND
+
GND
2013
781/461-3113
B


Podobny numer części - AD8350ARZ15-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8350ARZ15-REEL7 AD-AD8350ARZ15-REEL7 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
More results

Podobny opis - AD8350ARZ15-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
   Wideband, Low Distortion, Differential Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com