Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8350ARZ20-REEL7 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD8350ARZ20-REEL7
Szczegółowy opis  Low Distortion 1.0 GHz Differential Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8350ARZ20-REEL7 Arkusz danych(HTML) 2 Page - Analog Devices

  AD8350ARZ20-REEL7 Datasheet HTML 1Page - Analog Devices AD8350ARZ20-REEL7 Datasheet HTML 2Page - Analog Devices AD8350ARZ20-REEL7 Datasheet HTML 3Page - Analog Devices AD8350ARZ20-REEL7 Datasheet HTML 4Page - Analog Devices AD8350ARZ20-REEL7 Datasheet HTML 5Page - Analog Devices AD8350ARZ20-REEL7 Datasheet HTML 6Page - Analog Devices AD8350ARZ20-REEL7 Datasheet HTML 7Page - Analog Devices AD8350ARZ20-REEL7 Datasheet HTML 8Page - Analog Devices AD8350ARZ20-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
REV.
–2–
AD8350–SPECIFICATIONS
(@ 25 C, VS = 5 V, G = 15 dB, unless otherwise noted. All specifications refer to
differential inputs and differential outputs unless noted.)
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
VS = 5 V, VOUT = 1 V p-p
0.9
GHz
VS = 10 V, VOUT = 1 V p-p
1.1
GHz
Bandwidth for 0.1 dB Flatness
VS = 5 V, VOUT = 1 V p-p
90
MHz
VS = 10 V, VOUT = 1 V p-p
90
MHz
Slew Rate
VOUT = 1 V p-p
2000
V/
µs
Settling Time
0.1%, VOUT = 1 V p-p
10
ns
Gain (S21)
1
VS = 5 V, f = 50 MHz
14
15
16
dB
Gain Supply Sensitivity
VS = 5 V to 10 V, f = 50 MHz
0.003
dB/V
Gain Temperature Sensitivity
TMIN to TMAX
–0.002
dB/
°C
Isolation (S12)
1
f = 50 MHz
–18
dB
NOISE/HARMONIC PERFORMANCE
50 MHz Signal
Second Harmonic
VS = 5 V, VOUT = 1 V p-p
–66
dBc
VS = 10 V, VOUT = 1 V p-p
–67
dBc
Third Harmonic
VS = 5 V, VOUT = 1 V p-p
–65
dBc
VS = 10 V, VOUT = 1 V p-p
–70
dBc
Output Second Order Intercept
2
VS = 5 V
58
dBm
VS = 10 V
58
dBm
Output Third Order Intercept
2
VS = 5 V
28
dBm
VS = 10 V
29
dBm
250 MHz Signal
Second Harmonic
VS = 5 V, VOUT = 1 V p-p
–48
dBc
VS = 10 V, VOUT = 1 V p-p
–49
dBc
Third Harmonic
VS = 5 V, VOUT = 1 V p-p
–52
dBc
VS = 10 V, VOUT = 1 V p-p
–61
dBc
Output Second Order Intercept
2
VS = 5 V
39
dBm
VS = 10 V
40
dBm
Output Third Order Intercept
2
VS = 5 V
24
dBm
VS = 10 V
28
dBm
1 dB Compression Point (RTI)
2
VS = 5 V
2
dBm
VS = 10 V
5
dBm
Voltage Noise (RTI)
f = 150 MHz
1.7
nV/
√Hz
Noise Figure
f = 150 MHz
6.8
dB
INPUT/OUTPUT CHARACTERISTICS
Differential Offset Voltage (RTI)
VOUT+ – VOUT–
±1mV
Differential Offset Drift
TMIN to TMAX
0.02
mV/
°C
Input Bias Current
15
µA
Input Resistance
Real
200
CMRR
f = 50 MHz
–67
dB
Output Resistance
Real
200
POWER SUPPLY
Operating Range
411.0
V
Quiescent Current
Powered Up, VS = 5 V
25
28
32
mA
Powered Down, VS = 5 V
3
3.8
5.5
mA
Powered Up, VS = 10 V
27
30
34
mA
Powered Down, VS = 10 V
3
4
6.5
mA
Power-Up/Down Switching
15
ns
Power Supply Rejection Ratio
f = 50 MHz, VS
∆ = 1 V p-p
–58
dB
OPERATING TEMPERATURE RANGE
–40
+85
°C
NOTES
1See Tables II–III for complete list of S-Parameters.
2Re: 50
Ω.
Specifications subject to change without notice.
B


Podobny numer części - AD8350ARZ20-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8350ARZ20-REEL7 AD-AD8350ARZ20-REEL7 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
More results

Podobny opis - AD8350ARZ20-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
   Wideband, Low Distortion, Differential Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com