Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8538ARZ-REEL Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD8538ARZ-REEL
Szczegółowy opis  Low Power, Precision, Auto-Zero Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8538ARZ-REEL Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD8538ARZ-REEL Datasheet HTML 4Page - Analog Devices AD8538ARZ-REEL Datasheet HTML 5Page - Analog Devices AD8538ARZ-REEL Datasheet HTML 6Page - Analog Devices AD8538ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8538ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8538ARZ-REEL Datasheet HTML 9Page - Analog Devices AD8538ARZ-REEL Datasheet HTML 10Page - Analog Devices AD8538ARZ-REEL Datasheet HTML 11Page - Analog Devices AD8538ARZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8538/AD8539
Data Sheet
Rev. B | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
AD8538 CHARACTERISTICS
AD8538 only, VSY = 5 V or ±2.5 V, unless otherwise noted.
450
0
–10.0
INPUT OFFSET VOLTAGE (µV)
50
100
150
200
250
300
350
400
VSY = 5V
0V < VCM < 5V
TA = 25°C
–8.4 –6.8 –5.2 –3.6 –2.0 –0.4 1.2
2.8
4.4
6.0
7.6
9.2
Figure 5. AD8538 Input Offset Voltage Distribution
14
0
0
0.096
TCVOS (µV/°C)
2
4
6
8
10
12
0.012
0.024
0.036
0.048
0.060
0.072
0.084
VSY = 5V
–40°C < TA < +125°C
Figure 6. AD8538 Input Offset Voltage Drift Distribution
10
–10
0
5
INPUT COMMON-MODE VOLTAGE (V)
–8
–6
–4
–2
0
2
4
6
8
1
2
3
4
VSY = 5V
TA = 25°C
Figure 7. AD8538 Input Offset Voltage vs. Input Common-Mode Voltage
700
0
100
200
300
400
500
600
25
45
65
85
105
125
TEMPERATURE (°C)
VSY = 5V AND 2.7V
Figure 8. AD8538 Input Bias Current vs. Temperature
160
0
0
5
SUPPLY VOLTAGE (V)
20
40
60
80
100
120
140
1
2
3
4
TA = 25°C
Figure 9. AD8538 Supply Current vs. Supply Voltage
200
0
50
100
150
–40
10
60
110
TEMPERATURE (°C)
VSY = 5V
VSY = 2.7V
Figure 10. AD8538 Supply Current vs. Temperature


Podobny numer części - AD8538ARZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8538ARZ-REEL AD-AD8538ARZ-REEL Datasheet
268Kb / 12P
   Low Power, Precision Auto-Zero Op Amp
REV. 0
AD8538ARZ-REEL7 AD-AD8538ARZ-REEL7 Datasheet
268Kb / 12P
   Low Power, Precision Auto-Zero Op Amp
REV. 0
More results

Podobny opis - AD8538ARZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8538 AD-AD8538_07 Datasheet
982Kb / 24P
   Low Power, Precision, Auto-Zero Op Amps
REV. A
AD8538 AD-AD8538_15 Datasheet
797Kb / 24P
   Low Power, Precision, Auto-Zero Op Amps
Rev. B
AD8539 AD-AD8539_15 Datasheet
797Kb / 24P
   Low Power, Precision, Auto-Zero Op Amps
Rev. B
AD8538 AD-AD8538 Datasheet
268Kb / 12P
   Low Power, Precision Auto-Zero Op Amp
REV. 0
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943 Datasheet
275Kb / 15P
   High-Voltage, Precision, Low-Power Op Amps
Rev 2; 6/09
MAX9943 MAXIM-MAX9943_V01 Datasheet
1Mb / 11P
   High-Voltage, Precision, Low-Power Op Amps
2017
logo
Texas Instruments
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387_V02 Datasheet
1Mb / 31P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
TLV387 TI-TLV387 Datasheet
1Mb / 20P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI1-TLV387_V03 Datasheet
1Mb / 33P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com