Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9640ABCPZ-150 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9640ABCPZ-150
Szczegółowy opis  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9640ABCPZ-150 Arkusz danych(HTML) 5 Page - Analog Devices

  AD9640ABCPZ-150 Datasheet HTML 1Page - Analog Devices AD9640ABCPZ-150 Datasheet HTML 2Page - Analog Devices AD9640ABCPZ-150 Datasheet HTML 3Page - Analog Devices AD9640ABCPZ-150 Datasheet HTML 4Page - Analog Devices AD9640ABCPZ-150 Datasheet HTML 5Page - Analog Devices AD9640ABCPZ-150 Datasheet HTML 6Page - Analog Devices AD9640ABCPZ-150 Datasheet HTML 7Page - Analog Devices AD9640ABCPZ-150 Datasheet HTML 8Page - Analog Devices AD9640ABCPZ-150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
AD9640
Rev. B | Page 5 of 52
SPECIFICATIONS
ADC DC SPECIFICATIONS—AD9640ABCPZ-80, AD9640BCPZ-80, AD9640ABCPZ-105, AND AD9640BCPZ-105
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 3.3 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference,
DCS enabled, fast detect outputs disabled, and signal monitor disabled, unless otherwise noted.
Table 1.
Parameter
Temperature
AD9640ABCPZ-
80/AD9640BCPZ-80
AD9640ABCPZ-
105/AD9640BCPZ-105
Unit
Min
Typ
Max
Min
Typ
Max
RESOLUTION
Full
14
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
±0.3
±0.6
±0.3
±0.6
% FSR
Gain Error
Full
±0.2
±3.0
±0.2
±3.0
% FSR
Differential Nonlinearity (DNL)1
Full
±0.9
±0.9
LSB
25°C
±0.4
±0.4
LSB
Integral Nonlinearity (INL)1
Full
±5.0
±5.0
LSB
25°C
±2.0
±2.0
LSB
MATCHING CHARACTERISTIC
Offset Error
Full
±0.3
±0.6
±0.4
±0.7
% FSR
Gain Error
Full
±0.1
±0.5
±0.1
±0.5
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±15
±15
ppm/°C
Gain Error
Full
±95
±95
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
Full
±2
±15
±2
±15
mV
Load Regulation @ 1.0 mA
Full
7
7
mV
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
1.3
1.3
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0 V
Full
2
2
V p-p
Input Capacitance2
Full
8
8
pF
VREF INPUT RESISTANCE
Full
6
6
POWER SUPPLIES
Supply Voltage
AVDD, DVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD (CMOS Mode)
Full
1.7
3.3
3.6
1.7
3.3
3.6
V
DRVDD (LVDS Mode)
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Current
IAVDD1, 3
Full
233
277
310
371
mA
IDVDD1, 3
Full
26
34
mA
IDRVDD1 (3.3 V CMOS)
Full
27
35
mA
IDRVDD1 (1.8 V CMOS)
Full
12
18
mA
IDRVDD1 (1.8 V LVDS)
Full
54
55
mA
POWER CONSUMPTION
DC Input
Full
452
492
603
657
mW
Sine Wave Input1 (DRVDD = 1.8 V)
Full
487
645
mW
Sine Wave Input1 (DRVDD = 3.3 V)
Full
550
730
mW
Standby Power4
Full
52
68
mW
Power-Down Power
Full
2.5
6
2.5
6
mW
1 Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
2 Input capacitance refers to the effective capacitance between one differential input pin and AGND. See Figure 8 for the equivalent analog input structure.
3 The maximum limit applies to the combination of IAVDD and IDVDD currents.
4 Standby power is measured with a dc input and with the CLK pins (CLK+, CLK
) inactive (set to AVDD or AGND).


Podobny numer części - AD9640ABCPZ-150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9640ABCPZ-150 AD-AD9640ABCPZ-150 Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
More results

Podobny opis - AD9640ABCPZ-150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9640ABCPZ-80 AD-AD9640ABCPZ-80 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640 AD-AD9640_15 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640 AD-AD9640 Datasheet
931Kb / 41P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrD
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627 AD-AD9627 Datasheet
765Kb / 40P
   12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrA
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com