Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9640ABCPZ-125 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9640ABCPZ-125
Szczegółowy opis  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9640ABCPZ-125 Arkusz danych(HTML) 1 Page - Analog Devices

  AD9640ABCPZ-125 Datasheet HTML 1Page - Analog Devices AD9640ABCPZ-125 Datasheet HTML 2Page - Analog Devices AD9640ABCPZ-125 Datasheet HTML 3Page - Analog Devices AD9640ABCPZ-125 Datasheet HTML 4Page - Analog Devices AD9640ABCPZ-125 Datasheet HTML 5Page - Analog Devices AD9640ABCPZ-125 Datasheet HTML 6Page - Analog Devices AD9640ABCPZ-125 Datasheet HTML 7Page - Analog Devices AD9640ABCPZ-125 Datasheet HTML 8Page - Analog Devices AD9640ABCPZ-125 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
14-Bit, 80/105/125/150 MSPS, 1.8 V
Dual Analog-to-Digital Converter
AD9640
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2009 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 71.8 dBc (72.8 dBFS) to 70 MHz @ 125 MSPS
SFDR = 85 dBc to 70 MHz @ 125 MSPS
Low power: 750 mW @ 125 MSPS
SNR = 71.6 dBc (72.6 dBFS) to 70 MHz @ 150 MSPS
SFDR = 84 dBc to 70 MHz @ 150 MSPS
Low power: 820 mW @ 150 MSPS
1.8 V analog supply operation
1.8 V to 3.3V CMOS output supply or 1.8 V LVDS
output supply
Integer 1 to 8 input clock divider
IF sampling frequencies to 450 MHz
Internal ADC voltage reference
Integrated ADC sample-and-hold inputs
Flexible analog input range: 1 V p-p to 2 V p-p
Differential analog inputs with 650 MHz bandwidth
ADC clock duty cycle stabilizer
95 dB channel isolation/crosstalk
Serial port control
User-configurable, built-in self-test (BIST) capability
Energy-saving power-down modes
Integrated receive features
Fast detect/threshold bits
Composite signal monitor
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers
GSM, EDGE, WCDMA, LTE,
CDMA2000, WiMAX, TD-SCDMA
I/Q demodulation systems
Smart antenna systems
General-purpose software radios
Broadband data applications
FUNCTIONAL BLOCK DIAGRAM
VIN+A
VIN–A
VREF
SENSE
VIN–B
VIN+B
D13A
D0A
CLK+
CLK–
DCOA
DCOB
D13B
D0B
AGND
SYNC
FD(0:3)B
ADC
ADC
SIGNAL MONITOR
DATA
AVDD DVDD
FD(0:3)A
DRGND
PROGRAMMING DATA
DRVDD
FD BITS/THRESHOLD
DETECT
REF
SELECT
DUTY CYCLE
STABILIZER
MULTICHIP
SYNC
FD BITS/THRESHOLD
DETECT
SIGNAL MONITOR
INTERFACE
DCO
GENERATION
DIVIDE
1TO 8
SIGNAL
MONITOR
SPI
SHA
SHA
CSB
SCLK/
DFS
SDIO/
DCS
CML
RBIAS
SMI
SDO/
OEB
SMI
SCLK/
PDWN
SMI
SDFS
Figure 1.
PRODUCT HIGHLIGHTS
1.
Integrated dual 14-bit, 80/105/125/150 MSPS ADC.
2.
Fast overrange detect and signal monitor with serial output.
3.
Signal monitor block with dedicated serial output mode.
4.
Proprietary differential input that maintains excellent SNR
performance for input frequencies up to 450 MHz.
5.
Operation from a single 1.8 V supply and a separate digital
output driver supply to accommodate 1.8 V to 3.3 V logic
families.
6.
A standard serial port interface that supports various
product features and functions, such as data formatting
(offset binary, twos complement, or gray coding), enabling
the clock DCS, power-down, and voltage reference mode.
7.
Pin compatibility with the AD9627, AD9627-11, and the
AD9600 for a simple migration from 14 bits to 12 bits, 11
bits, or 10 bits.


Podobny numer części - AD9640ABCPZ-125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9640ABCPZ-125 AD-AD9640ABCPZ-125 Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
More results

Podobny opis - AD9640ABCPZ-125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9640ABCPZ-80 AD-AD9640ABCPZ-80 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640 AD-AD9640_15 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640 AD-AD9640 Datasheet
931Kb / 41P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrD
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627 AD-AD9627 Datasheet
765Kb / 40P
   12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrA
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com