Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9847AKSTZ Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD9847AKSTZ
Szczegółowy opis  10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9847AKSTZ Arkusz danych(HTML) 2 Page - Analog Devices

  AD9847AKSTZ Datasheet HTML 1Page - Analog Devices AD9847AKSTZ Datasheet HTML 2Page - Analog Devices AD9847AKSTZ Datasheet HTML 3Page - Analog Devices AD9847AKSTZ Datasheet HTML 4Page - Analog Devices AD9847AKSTZ Datasheet HTML 5Page - Analog Devices AD9847AKSTZ Datasheet HTML 6Page - Analog Devices AD9847AKSTZ Datasheet HTML 7Page - Analog Devices AD9847AKSTZ Datasheet HTML 8Page - Analog Devices AD9847AKSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
REV. A
–2–
AD9847–SPECIFICATIONS
GENERAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
–20
+85
°C
Storage
–65
+150
°C
MAXIMUM CLOCK RATE
40
MHz
POWER SUPPLY VOLTAGE
Analog (AVDD1, 2, 3)
2.7
3.6
V
Digital1 (DVDD1) H1–H4
3.0
5.5
V
Digital2 (DVDD2) RG
3.0
5.5
V
Digital3 (DVDD3) D0–D11
3.0
V
Digital4 (DVDD4) All Other Digital
3.0
V
POWER DISSIPATION
DVDD1 (@ 5 V, 100 pF H Loading, 40 MSPS)
450
mW
DVDD2 (@ 5 V, 20 pF RG Loading, 40 MSPS)
45
mW
DVDD1 (@ 3 V, 100 pF H Loading, 40 MSPS)
180
mW
DVDD2 (@ 3 V, 20 pF H Loading, 40 MSPS)
15
mW
AVDD1, 2, 3, DVDD3, 4 (@ 3 V, 40 MSPS)
200
mW
Total Shutdown Mode
1
mW
Specifications subject to change without notice.
Parameter
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
VIH
2.1
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
10
µA
Low Level Input Current
IIL
10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
High Level Output Voltage, IOH = 2 mA
VOH
2.2
V
Low Level Output Voltage, IOL = 2 mA
VOL
0.5
V
CLI INPUT
High Level Input Voltage
(AVDD1, 2 + 0.5 V)
VIH–CLI
1.85
V
Low Level Input Voltage
VIL–CLI
0.85
V
RG AND H-DRIVER OUTPUTS
High Level Output Voltage
(DVDD1, 2 – 0.5 V)
VOH
4.75
V
Low Level Output Voltage
VOL
0.5
V
Maximum Output Current (Programmable)
24
mA
Maximum Load Capacitance
100
pF
Specifications subject to change without notice.
(TMIN to TMAX, AVDD1 = DVDD3, DVDD4 = 2.7 V, DVDD1, DVDD2 = 5.25 V, CL = 20 pF, unless
otherwise noted.)
DIGITAL SPECIFICATIONS


Podobny numer części - AD9847AKSTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9847AKST AD-AD9847AKST Datasheet
428Kb / 28P
   10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
More results

Podobny opis - AD9847AKSTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9847 AD-AD9847_15 Datasheet
521Kb / 28P
   10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9847 AD-AD9847 Datasheet
428Kb / 28P
   10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9847AKCPZRL AD-AD9847AKCPZRL Datasheet
521Kb / 28P
   10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A Datasheet
162Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZRL AD-AD9840AJSTZRL Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
ADDI7006BSUZ AD-ADDI7006BSUZ Datasheet
67Kb / 2P
   6-Channel, 10-Bit, 40 MSPS CCD Signal Processor
Rev. SpA
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com