Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9850BRS Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9850BRS
Szczegółowy opis  CMOS, 125 MHz Complete DDS Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9850BRS Arkusz danych(HTML) 5 Page - Analog Devices

  AD9850BRS Datasheet HTML 1Page - Analog Devices AD9850BRS Datasheet HTML 2Page - Analog Devices AD9850BRS Datasheet HTML 3Page - Analog Devices AD9850BRS Datasheet HTML 4Page - Analog Devices AD9850BRS Datasheet HTML 5Page - Analog Devices AD9850BRS Datasheet HTML 6Page - Analog Devices AD9850BRS Datasheet HTML 7Page - Analog Devices AD9850BRS Datasheet HTML 8Page - Analog Devices AD9850BRS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD9850
–5–
REV. H
PIN CONFIGURATION
17
16
15
20
19
18
28
27
26
25
24
23
22
21
14
13
12
11
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD9850
D3
D7 MSB/SERIAL LOAD
D6
D5
D4
D2
D1
LSB D0
RESET
DVDD
DGND
DGND
DVDD
W CLK
FQ UD
CLKIN
AGND
AGND
IOUTB
IOUT
AVDD
RSET
QOUTB
QOUT
AVDD
VINN
VINP
DACBL (NC)
NC = NO CONNECT
Table I. PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Function
4 to 1,
D0 to D7
8-Bit Data Input. This is the 8-bit data port for iteratively loading the 32-bit frequency and the 8-bit phase/
28 to 25
control word. D7 = MSB; D0 = LSB. D7 (Pin 25) also serves as the input pin for the 40-bit serial data-word.
5, 24
DGND
Digital Ground. These are the ground return leads for the digital circuitry.
6, 23
DVDD
Supply Voltage Leads for Digital Circuitry.
7W_CLK
Word Load Clock. This clock is used to load the parallel or serial frequency/phase/control words.
8
FQ_UD
Frequency Update. On the rising edge of this clock, the DDS updates to the frequency (or phase)
loaded in the data input register; it then resets the pointer to Word 0.
9
CLKIN
Reference Clock Input. This may be a continuous CMOS-level pulse train or sine input biased at
1/2 V supply. The rising edge of this clock initiates operation.
10, 19
AGND
Analog Ground. These leads are the ground return for the analog circuitry (DAC and comparator).
11, 18
AVDD
Supply Voltage for the Analog Circuitry (DAC and Comparator).
12
RSET
DAC’s External RSET Connection. This resistor value sets the DAC full-scale output current. For
normal applications (FS IOUT = 10 mA), the value for RSET is 3.9 k
Ω connected to ground. The R
SET/IOUT
relationship is IOUT = 32 (1.248 V/RSET).
13
QOUTB
Output Complement. This is the comparator’s complement output.
14
QOUT
Output True. This is the comparator’s true output.
15
VINN
Inverting Voltage Input. This is the comparator’s negative input.
16
VINP
Noninverting Voltage Input. This is the comparator’s positive input.
17
DACBL (NC)
DAC Baseline. This is the DAC baseline voltage reference; this lead is internally bypassed and should
normally be considered a no connect for optimum performance.
20
IOUTB
Complementary Analog Output of the DAC.
21
IOUT
Analog Current Output of the DAC.
22
RESET
Reset. This is the master reset function; when set high, it clears all registers (except the input register), and
the DAC output goes to cosine 0 after additional clock cycles—see Figure 7.


Podobny numer części - AD9850BRS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9850BRS AD-AD9850BRS Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
More results

Podobny opis - AD9850BRS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9850 AD-AD9850 Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
AD9835 AD-AD9835 Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9854 AD-AD9854 Datasheet
433Kb / 44P
   CMOS 300 MHz Quadrature Complete-DDS
REV. 0
AD9830 AD-AD9830 Datasheet
218Kb / 16P
   CMOS Complete DDS
REV. A
AD9832 AD-AD9832 Datasheet
146Kb / 16P
   CMOS Complete DDS
REV. A
AD9831 AD-AD9831 Datasheet
172Kb / 16P
   CMOS Complete DDS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com