Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADR293GRUZ-REEL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADR293GRUZ-REEL7
Szczegółowy opis  Low Noise, Micropower 5.0 V Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADR293GRUZ-REEL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADR293GRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 10Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADR293
Rev. D | Page 7 of 12
200
160
120
80
40
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = 6V
IOUT = 5mA
IOUT = 1mA
Figure 9. Load Regulation vs. Temperature
2
1
0
–1
–2
–3
–4
0.1
1
10
SOURCING LOAD CURRENT (mA)
TA = +125°C
TA = +25°C
TA = –40°C
Figure 10. ΔVOUT from Nominal vs. Load Current
1k
100
10
100
1k
FREQUENCY (Hz)
VIN = 15V
TA = 25°C
Figure 11. Voltage Noise Density vs. Frequency
120
100
80
60
40
20
0
10
100
1k
FREQUENCY (Hz)
VS = 6V
Figure 12. Ripple Rejection vs. Frequency
100
10
1
10
100
1k
10k
FREQUENCY (Hz)
VS = 6V
IL = 0mA
Figure 13. Output Impedance vs. Frequency
10µV p-p
1s/DIV
Figure 14. 0.1 Hz to 10 Hz Noise


Podobny numer części - ADR293GRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR293GRU-REEL AD-ADR293GRU-REEL Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
ADR293GRU-REEL7 AD-ADR293GRU-REEL7 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
More results

Podobny opis - ADR293GRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293 AD-ADR293_15 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293 AD-ADR293 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
143Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com