Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2191MKCA-160 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADSP-2191MKCA-160
Szczegółowy opis  DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191MKCA-160 Arkusz danych(HTML) 2 Page - Analog Devices

  ADSP-2191MKCA-160 Datasheet HTML 1Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 2Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 3Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 4Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 5Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 6Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 7Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 8Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
ADSP-2191M
–2–
REV. 0
INTEGRATION FEATURES
160 K Bytes On-Chip RAM Configured as 32K Words 24-Bit
Memory RAM and 32K Words 16-Bit Memory RAM
Dual-Purpose 24-Bit Memory for Both Instruction and
Data Storage
Independent ALU, Multiplier/Accumulator, and Barrel
Shifter Computational Units with Dual 40-bit
Accumulators
Unified Memory Space Allows Flexible Address Genera-
tion, Using Two Independent DAG Units
Powerful Program Sequencer Provides Zero-Overhead
Looping and Conditional Instruction Execution
Enhanced Interrupt Controller Enables Programming of
Interrupt Priorities and Nesting Modes
SYSTEM INTERFACE FEATURES
Host Port with DMA Capability for Glueless 8- or 16-Bit
Host Interface
16-Bit External Memory Interface for up to 16M Words of
Addressable Memory Space
Three Full-Duplex Multichannel Serial Ports, with
Support for H.100 and up to 128 TDM Channels with
A-Law and
-Law Companding Optimized for Telecom-
munications Systems
Two SPI-Compatible Ports with DMA Support
UART Port with DMA Support
16 General-Purpose I/O Pins with Integrated Inter-
rupt Support
Three Programmable Interval Timers with PWM
Generation, PWM Capture/Pulsewidth Measurement,
and External Event Counter Capabilities
Up to 11 DMA Channels Can Be Active at Any Given Time
for High I/O Throughput
On-Chip Boot ROM for Automatic Booting from External
8- or 16-Bit Host Device, SPI ROM, or UART with
Autobaud Detection
Programmable PLL Supports 1
to 32
Input Frequency
Multiplication and Can Be Altered during Runtime
IEEE JTAG Standard 1149.1 Test Access Port Supports
On-Chip Emulation and System Debugging
2.5 V Internal Operation and 3.3 V I/O
144-Lead LQFP and 144-Ball Mini-BGA Packages
TABLE OF CONTENTS
GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . .3
DSP Core Architecture . . . . . . . . . . . . . . . . . . . . . . . .3
DSP Peripherals Architecture . . . . . . . . . . . . . . . . . . .4
Memory Architecture . . . . . . . . . . . . . . . . . . . . . . . . .5
Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6
DMA Controller . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7
Host Port . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8
DSP Serial Ports (SPORTs) . . . . . . . . . . . . . . . . . . . .9
Serial Peripheral Interface (SPI) Ports . . . . . . . . . . . . .9
UART Port . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Programmable Flag (PFx) Pins . . . . . . . . . . . . . . . . .10
Low Power Operation . . . . . . . . . . . . . . . . . . . . . . . .10
Clock Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
Power Supplies . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
Booting Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
Bus Request and Bus Grant . . . . . . . . . . . . . . . . . . .12
Instruction Set Description . . . . . . . . . . . . . . . . . . . .13
Development Tools . . . . . . . . . . . . . . . . . . . . . . . . . .13
Additional Information . . . . . . . . . . . . . . . . . . . . . . .15
PIN FUNCTION DESCRIPTIONS . . . . . . . . . . . . . .15
SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . 18
ABSOLUTE MAXIMUM RATINGS. . . . . . . . . . . 19
ESD SENSITIVITY . . . . . . . . . . . . . . . . . . . . . . . . .19
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . .19
TIMING SPECIFICATIONS . . . . . . . . . . . . . . . . .20
Output Drive Currents . . . . . . . . . . . . . . . . . . . . . . .41
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . .41
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . .41
Environmental Conditions . . . . . . . . . . . . . . . . . . . .42
144-Lead LQFP Pinout . . . . . . . . . . . . . . . . . . . . . .44
144-Lead Mini-BGA Pinout . . . . . . . . . . . . . . . . . . .46
OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . .48
ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . .49


Podobny numer części - ADSP-2191MKCA-160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2191MKCA-160 AD-ADSP-2191MKCA-160 Datasheet
1Mb / 52P
   DSP Microcomputer
REV. 0
More results

Podobny opis - ADSP-2191MKCA-160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com