Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-21367KSWZ-4A Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADSP-21367KSWZ-4A
Szczegółowy opis  SHARC Processors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-21367KSWZ-4A Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADSP-21367KSWZ-4A Datasheet HTML 2Page - Analog Devices ADSP-21367KSWZ-4A Datasheet HTML 3Page - Analog Devices ADSP-21367KSWZ-4A Datasheet HTML 4Page - Analog Devices ADSP-21367KSWZ-4A Datasheet HTML 5Page - Analog Devices ADSP-21367KSWZ-4A Datasheet HTML 6Page - Analog Devices ADSP-21367KSWZ-4A Datasheet HTML 7Page - Analog Devices ADSP-21367KSWZ-4A Datasheet HTML 8Page - Analog Devices ADSP-21367KSWZ-4A Datasheet HTML 9Page - Analog Devices ADSP-21367KSWZ-4A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
Rev. E
|
Page 6 of 60
|
July 2009
ADSP-21367/ADSP-21368/ADSP-21369
processor. The memory architecture, in combination with its
separate on-chip buses, allows two data transfers from the core
and one from the I/O processor, in a single cycle.
The SRAM can be configured as a maximum of 64k words of
32-bit data, 128k words of 16-bit data, 42k words of 48-bit
instructions (or 40-bit data), or combinations of different word
sizes up to two megabits. All of the memory can be accessed as
16-bit, 32-bit, 48-bit, or 64-bit words. A 16-bit floating-point
storage format is supported that effectively doubles the amount
of data that can be stored on-chip. Conversion between the
32-bit floating-point and 16-bit floating-point formats is per-
formed in a single instruction. While each memory block can
store combinations of code and data, accesses are most efficient
when one block stores data using the DM bus for transfers, and
the other block stores instructions and data using the PM bus
for transfers.
Using the DM bus and PM buses, with one bus dedicated to
each memory block, assures single-cycle execution with two
data transfers. In this case, the instruction must be available in
the cache.
On-Chip Memory Bandwidth
The internal memory architecture allows programs to have four
accesses at the same time to any of the four blocks (assuming
there are no block conflicts). The total bandwidth is realized
using the DMD and PMD buses (2x64-bits, core CLK) and the
IOD0/1 buses (2x32-bit, PCLK).
ROM-Based Security
The ADSP-21367/ADSP-21368/ADSP-21369 have a ROM secu-
rity feature that provides hardware support for securing user
software code by preventing unauthorized reading from the
internal code when enabled. When using this feature, the pro-
cessor does not boot-load any external code, executing
exclusively from internal ROM. Additionally, the processor is
not freely accessible via the JTAG port. Instead, a unique 64-bit
key, which must be scanned in through the JTAG or test access
port will be assigned to each customer. The device will ignore a
wrong key. Emulation features and external boot modes are
only available after the correct key is scanned.
Table 3. Internal Memory Space 1
IOP Registers 0x0000 0000–0x0003 FFFF
Long Word (64 Bits)
Extended Precision Normal or
Instruction Word (48 Bits)
Normal Word (32 Bits)
Short Word (16 Bits)
Block 0 ROM (Reserved)
0x0004 0000–0x0004 BFFF
Block 0 ROM (Reserved)
0x0008 0000–0x0008 FFFF
Block 0 ROM (Reserved)
0x0008 0000–0x0009 7FFF
Block 0 ROM (Reserved)
0x0010 0000–0x0012 FFFF
Reserved
0x0004 F000–0x0004 FFFF
Reserved
0x0009 4000–0x0009 FFFF
Reserved
0x0009 E000–0x0009 FFFF
Reserved
0x0013 C000–0x0013 FFFF
Block 0 SRAM
0x0004 C000–0x0004 EFFF
Block 0 SRAM
0x0009 0000–0x0009 3FFF
Block 0 SRAM
0x0009 8000–0x0009 DFFF
Block 0 SRAM
0x0013 0000–0x0013 BFFF
Block 1 ROM (Reserved)
0x0005 0000–0x0005 BFFF
Block 1 ROM (Reserved)
0x000A 0000–0x000A FFFF
Block 1 ROM (Reserved)
0x000A 0000–0x000B 7FFF
Block 1 ROM (Reserved)
0x0014 0000–0x0016 FFFF
Reserved
0x0005 F000–0x0005 FFFF
Reserved
0x000B 4000–0x000B FFFF
Reserved
0x000B E000–0x000B FFFF
Reserved
0x0017 C000–0x0017 FFFF
Block 1 SRAM
0x0005 C000–0x0005 EFFF
Block 1 SRAM
0x000B 0000–0x000B 3FFF
Block 1 SRAM
0x000B 8000–0x000B DFFF
Block 1 SRAM
0x0017 0000–0x0017 BFFF
Block 2 SRAM
0x0006 0000–0x0006 0FFF
Block 2 SRAM
0x000C 0000–0x000C 1554
Block 2 SRAM
0x000C 0000–0x000C 1FFF
Block 2 SRAM
0x0018 0000–0x0018 3FFF
Reserved
0x0006 1000– 0x0006 FFFF
Reserved
0x000C 1555–0x000C 3FFF
Reserved
0x000C 2000–0x000D FFFF
Reserved
0x0018 4000–0x001B FFFF
Block 3 SRAM
0x0007 0000–0x0007 0FFF
Block 3 SRAM
0x000E 0000–0x000E 1554
Block 3 SRAM
0x000E 0000–0x000E 1FFF
Block 3 SRAM
0x001C 0000–0x001C 3FFF
Reserved
0x0007 1000–0x0007 FFFF
Reserved
0x000E 1555–0x000F FFFF
Reserved
0x000E 2000–0x000F FFFF
Reserved
0x001C 4000–0x001F FFFF
1 The ADSP-21368 and ADSP-21369 processors include a customer-definable ROM block. Please contact your Analog Devices sales representative for additional details.


Podobny numer części - ADSP-21367KSWZ-4A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21367KSZ-1A AD-ADSP-21367KSZ-1A Datasheet
1Mb / 56P
   SHARC Processors
REV. A
More results

Podobny opis - ADSP-21367KSWZ-4A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21367 AD-ADSP-21367_06 Datasheet
1Mb / 56P
   SHARC Processors
REV. A
ADSP-21367 AD-ADSP-21367_08 Datasheet
760Kb / 56P
   SHARC Processors
REV. C
ADSP-21364BSWZ-1AA AD-ADSP-21364BSWZ-1AA Datasheet
1Mb / 56P
   SHARC Processors
Rev. G
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com