Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7171WBSZ-REEL Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADV7171WBSZ-REEL
Szczegółowy opis  Digital PAL/NTSC Video Encoder
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADV7171WBSZ-REEL Arkusz danych(HTML) 5 Page - Analog Devices

  ADV7171WBSZ-REEL Datasheet HTML 1Page - Analog Devices ADV7171WBSZ-REEL Datasheet HTML 2Page - Analog Devices ADV7171WBSZ-REEL Datasheet HTML 3Page - Analog Devices ADV7171WBSZ-REEL Datasheet HTML 4Page - Analog Devices ADV7171WBSZ-REEL Datasheet HTML 5Page - Analog Devices ADV7171WBSZ-REEL Datasheet HTML 6Page - Analog Devices ADV7171WBSZ-REEL Datasheet HTML 7Page - Analog Devices ADV7171WBSZ-REEL Datasheet HTML 8Page - Analog Devices ADV7171WBSZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
ADV7170/ADV7171
Rev. C | Page 5 of 64
VAA = 3.0 V to 3.6 V1, VREF = 1.235 V, RSET = 150 Ω. All specifications TMIN to TMAX2, unless otherwise noted.
Table 2.
Parameter
Conditions1
Min
Typ
Max
Unit
STATIC PERFORMANCE3
Resolution (Each DAC)
10
Bits
Accuracy (Each DAC)
Integral Nonlinearity
RSET = 300 Ω
±0.6
LSB
Differential Nonlinearity
Guaranteed monotonic
±1
LSB
DIGITAL INPUTS3
Input High Voltage, VINH
2
V
Input Low Voltage, VINL
0.8
V
Input Current, IIN3, 4
VIN = 0.4 V or 2.4 V
±1
μA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS3
Output High Voltage, VOH
ISOURCE = 400 μA
2.4
V
Output Low Voltage, VOL
ISINK = 3.2 mA
0.4
V
Three-State Leakage Current
10
μA
Three-State Output Capacitance
10
pF
ANALOG OUTPUTS3
Output Current4, 5
RSET = 150 Ω, RL = 37.5 Ω
33
34.7
37
mA
Output Current6
RSET = 1041 Ω, RL = 262.5 Ω
5
mA
DAC-to-DAC Matching
2.0
%
Output Compliance, VOC
0
1.4
V
Output Impedance, ROUT
30
Output Capacitance, COUT
IOUT = 0 mA
30
pF
POWER REQUIREMENTS3, 7
VAA
3.0
3.3
3.6
V
Normal Power Mode
IDAC (max)8
RSET = 150 Ω, RL = 37.5 Ω
150
155
mA
IDAC (min)8
RSET = 1041 Ω, RL = 262.5 Ω
20
mA
ICCT9
35
mA
Low Power Mode
IDAC (max)8
80
mA
IDAC (min)8
20
mA
ICCT9
35
mA
Sleep Mode
IDAC10
0.1
μA
ICCT11
0.001
μA
Power Supply Rejection Ratio
COMP = 0.1 μF
0.01
0.5
%/%
1 The min/max specifications are guaranteed over this range. The min/max values are typical over 3.0 V to 3.6 V.
2 Ambient temperature range TMIN to TMAX: −40°C to +85°C. The die temperature, TJ, must always be kept below 110°C.
3 Guaranteed by characterization.
4 Full drive into 37.5 Ω load.
5 DACs can output 35 mA typically at 3.3 V (RSET = 150 Ω and RL = 37.5 Ω); optimum performance obtained at 18 mA DAC current (RSET = 300 Ω and RL = 75 Ω).
6 Minimum drive current (used with buffered/scaled output load).
7 Power measurements are taken with clock frequency = 27 MHz. Max TJ = 110°C.
8 IDAC is the total current (min corresponds to 5 mA output per DAC, max corresponds to 38 mA output per DAC) to drive all four DACs. Turning off individual DACs
reduces IDAC correspondingly.
9 ICCT (circuit current) is the continuous current required to drive the device.
10 Total DAC current in sleep mode.
11 Total continuous current during sleep mode.


Podobny numer części - ADV7171WBSZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7171 AD-ADV7171 Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
ADV7171KS AD-ADV7171KS Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
ADV7171SU AD-ADV7171SU Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
More results

Podobny opis - ADV7171WBSZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com