Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14044B Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC14044B
Szczegółowy opis  CMOS MSI Quad R?뭆 Latches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14044B Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC14044B Datasheet HTML 1Page - ON Semiconductor MC14044B Datasheet HTML 2Page - ON Semiconductor MC14044B Datasheet HTML 3Page - ON Semiconductor MC14044B Datasheet HTML 4Page - ON Semiconductor MC14044B Datasheet HTML 5Page - ON Semiconductor MC14044B Datasheet HTML 6Page - ON Semiconductor MC14044B Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC14043B, MC14044B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ
(Note 6)
Max
Unit
Output Rise Time
tTLH = (1.35 ns/pF) CL + 32.5 ns
tTLH = (0.60 ns/pF) CL + 20 ns
tTLH = (0.40 ns/pF) CL + 20 ns
tTLH
5.0
10
15
100
50
40
200
100
80
ns
Output Fall Time
tTHL = (1.35 ns/pF) CL + 32.5 ns
tTHL = (0.60 ns/pF) CL + 20 ns
tTHL = (0.40 ns/pF) CL + 20 ns
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
tPLH = (0.90 ns/pF) CL + 130 ns
tPLH = (0.36 ns/pF) CL + 57 ns
tPLH = (0.26 ns/pF) CL + 47 ns
tPLH
5.0
10
15
175
75
60
350
175
120
ns
tPHL = (0.90 ns/pF) CL + 130 ns
tPHL = (0.90 ns/pF) CL + 57 ns
tPHL = (0.26 ns/pF) CL + 47 ns
tPHL
5.0
10
15
175
75
60
350
175
120
ns
Set, Set Pulse Width
tW
5.0
10
15
200
100
70
80
40
30
ns
Reset, Reset Pulse Width
tW
5.0
10
15
200
100
70
80
40
30
ns
Three−State Enable/Disable Delay
tPLZ,
tPHZ,
tPZL,
tPZH
5.0
10
15
150
80
55
300
160
110
ns
5. The formulas given are for the typical characteristics only at 25_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
AC WAVEFORMS
MC14043B
MC14044B
20 ns
20 ns
90%
10%
RESET
SET
Q
tPHL
tPLH
20 ns
20 ns
50%
90%
50%
10%
tTHL
tTLH
90%
50%
10%
VDD
VSS
VDD
VSS
VOH
VOL
RESET
SET
Q
20 ns
20 ns
90%
10%
50%
20 ns
20 ns
90%
10%
50%
tTLH
tTHL
50%
10%
90%
tPLH
tPHL
VDD
VSS
VDD
VSS
VOH
VOL


Podobny numer części - MC14044B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14044B ONSEMI-MC14044B Datasheet
192Kb / 8P
   CMOS MSI(Quad R-S Latches)
March, 2000 ??Rev. 3
MC14044B ONSEMI-MC14044B Datasheet
104Kb / 8P
   CMOS MSI Quad R?뭆 Latches
August, 2005 ??Rev. 6
MC14044BCP ONSEMI-MC14044BCP Datasheet
192Kb / 8P
   CMOS MSI(Quad R-S Latches)
March, 2000 ??Rev. 3
MC14044BCP ONSEMI-MC14044BCP Datasheet
104Kb / 8P
   CMOS MSI Quad R?뭆 Latches
August, 2005 ??Rev. 6
MC14044BCPG ONSEMI-MC14044BCPG Datasheet
104Kb / 8P
   CMOS MSI Quad R?뭆 Latches
August, 2005 ??Rev. 6
More results

Podobny opis - MC14044B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14043B ONSEMI-MC14043B_14 Datasheet
118Kb / 7P
   CMOS MSI Quad R?뭆 Latches
August, 2014 ??Rev. 10
MC14043B ONSEMI-MC14043B_05 Datasheet
104Kb / 8P
   CMOS MSI Quad R?뭆 Latches
August, 2005 ??Rev. 6
MC14043B ONSEMI-MC14043B Datasheet
192Kb / 8P
   CMOS MSI(Quad R-S Latches)
March, 2000 ??Rev. 3
logo
Renesas Technology Corp
CD4043BMS RENESAS-CD4043BMS Datasheet
395Kb / 10P
   CMOS Quad 3 State R/S Latches
December 1992
logo
Texas Instruments
CD4043B TI-CD4043B Datasheet
211Kb / 13P
[Old version datasheet]   CMOS QUAD 3-STATE R/S LATCHES
CD4043B TI1-CD4043B_15 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS Quad 3-State R/S Latches
logo
Motorola, Inc
MC14573 MOTOROLA-MC14573 Datasheet
487Kb / 9P
   CMOS MSI
logo
Hitachi Semiconductor
HD74HC279 HITACHI-HD74HC279 Datasheet
59Kb / 9P
   Quad. S-R Latches
logo
National Semiconductor ...
54LS279 NSC-54LS279 Datasheet
137Kb / 6P
   Quad S-R Latches
logo
Texas Instruments
54LS279 TI1-54LS279 Datasheet
387Kb / 8P
[Old version datasheet]   Quad S-R Latches
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com