Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14043BDG Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC14043BDG
Szczegółowy opis  CMOS MSI Quad R?뭆 Latches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14043BDG Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC14043BDG Datasheet HTML 1Page - ON Semiconductor MC14043BDG Datasheet HTML 2Page - ON Semiconductor MC14043BDG Datasheet HTML 3Page - ON Semiconductor MC14043BDG Datasheet HTML 4Page - ON Semiconductor MC14043BDG Datasheet HTML 5Page - ON Semiconductor MC14043BDG Datasheet HTML 6Page - ON Semiconductor MC14043BDG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2013
April, 2013 − Rev. 9
1
Publication Order Number:
MC14043B/D
MC14043B, MC14044B
CMOS MSI
Quad R−S Latches
The MC14043B and MC14044B quad R−S latches are constructed
with MOS P−Channel and N−Channel enhancement mode devices in a
single monolithic structure. Each latch has an independent Q output
and set and reset inputs. The Q outputs are gated through three−state
buffers having a common enable input. The outputs are enabled with a
logical “1” or high on the enable input; a logical “0” or low
disconnects the latch from the Q outputs, resulting in an open circuit at
the Q outputs.
Features
Double Diode Input Protection
Three−State Outputs with Common Enable
Outputs Capable of Driving Two Low−power TTL Loads or One
Low−Power Schottky TTL Load Over the Rated Temperature
Range
Supply Voltage Range = 3.0 Vdc to 18 Vdc
These Devices are Pb−Free and are RoHS Compliant
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
−0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
−0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation, per Package
(Note 1)
500
mW
TA
Ambient Temperature Range
−55 to +125
°C
Tstg
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature
(8−Second Soldering)
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
MARKING
DIAGRAMS
PDIP−16
P SUFFIX
CASE 648
MC140xxBCP
AWLYYWWG
SOIC−16
D SUFFIX
CASE 751B
140xxBG
AWLYWW
xx
= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Indicator
SOEIAJ−16
F SUFFIX
CASE 966
MC14043B
ALYWG
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
16
1
1
16
1
16


Podobny numer części - MC14043BDG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14043BDG ONSEMI-MC14043BDG Datasheet
104Kb / 8P
   CMOS MSI Quad R?뭆 Latches
August, 2005 ??Rev. 6
MC14043BDG ONSEMI-MC14043BDG Datasheet
118Kb / 7P
   CMOS MSI Quad R?뭆 Latches
August, 2014 ??Rev. 10
More results

Podobny opis - MC14043BDG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14043B ONSEMI-MC14043B_14 Datasheet
118Kb / 7P
   CMOS MSI Quad R?뭆 Latches
August, 2014 ??Rev. 10
MC14043B ONSEMI-MC14043B_05 Datasheet
104Kb / 8P
   CMOS MSI Quad R?뭆 Latches
August, 2005 ??Rev. 6
MC14043B ONSEMI-MC14043B Datasheet
192Kb / 8P
   CMOS MSI(Quad R-S Latches)
March, 2000 ??Rev. 3
logo
Renesas Technology Corp
CD4043BMS RENESAS-CD4043BMS Datasheet
395Kb / 10P
   CMOS Quad 3 State R/S Latches
December 1992
logo
Texas Instruments
CD4043B TI-CD4043B Datasheet
211Kb / 13P
[Old version datasheet]   CMOS QUAD 3-STATE R/S LATCHES
CD4043B TI1-CD4043B_15 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS Quad 3-State R/S Latches
logo
Motorola, Inc
MC14573 MOTOROLA-MC14573 Datasheet
487Kb / 9P
   CMOS MSI
logo
Hitachi Semiconductor
HD74HC279 HITACHI-HD74HC279 Datasheet
59Kb / 9P
   Quad. S-R Latches
logo
National Semiconductor ...
54LS279 NSC-54LS279 Datasheet
137Kb / 6P
   Quad S-R Latches
logo
Texas Instruments
54LS279 TI1-54LS279 Datasheet
387Kb / 8P
[Old version datasheet]   Quad S-R Latches
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com