Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74CB3T3253DR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74CB3T3253DR
Szczegółowy opis  DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3T3253DR Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74CB3T3253DR Datasheet HTML 1Page - Texas Instruments SN74CB3T3253DR Datasheet HTML 2Page - Texas Instruments SN74CB3T3253DR Datasheet HTML 3Page - Texas Instruments SN74CB3T3253DR Datasheet HTML 4Page - Texas Instruments SN74CB3T3253DR Datasheet HTML 5Page - Texas Instruments SN74CB3T3253DR Datasheet HTML 6Page - Texas Instruments SN74CB3T3253DR Datasheet HTML 7Page - Texas Instruments SN74CB3T3253DR Datasheet HTML 8Page - Texas Instruments SN74CB3T3253DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74CB3T3253
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SCDS148 – OCTOBER 2003 – REVISED JUNE 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.5
7
V
VIN
Control input voltage range(2)(3)
–0.5
7
V
VI/O
Switch I/O voltage range(2)(3)(4)
–0.5
7
V
IIK
Control input clamp current
VIN < 0
–50
mA
II/OK
I/O port clamp current
VI/O < 0
–50
mA
II/O
ON-state switch current(5)
±128
mA
Continuous current through VCC or GND
±100
mA
D package
73
DBQ package
90
θ
JA
Package thermal impedance(6)
°C/W
DGV package
120
PW package
108
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
VI and VO are used to denote specific conditions for VI/O.
(5)
II and IO are used to denote specific conditions for II/O.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
2.3
3.6
V
VCC = 2.3 V to 2.7 V
1.7
5.5
VIH
High-level control input voltage
V
VCC = 2.7 V to 3.6 V
2
5.5
VCC = 2.3 V to 2.7 V
0
0.7
VIL
Low-level control input voltage
V
VCC = 2.7 V to 3.6 V
0
0.8
VI/O
Data input/output voltage
0
5.5
V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4


Podobny numer części - SN74CB3T3253DR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CB3T3253DR TI-SN74CB3T3253DR Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253DR TI1-SN74CB3T3253DR Datasheet
727Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
More results

Podobny opis - SN74CB3T3253DR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com