Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74CB3T3253DBQR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74CB3T3253DBQR
Szczegółowy opis  DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3T3253DBQR Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74CB3T3253DBQR Datasheet HTML 1Page - Texas Instruments SN74CB3T3253DBQR Datasheet HTML 2Page - Texas Instruments SN74CB3T3253DBQR Datasheet HTML 3Page - Texas Instruments SN74CB3T3253DBQR Datasheet HTML 4Page - Texas Instruments SN74CB3T3253DBQR Datasheet HTML 5Page - Texas Instruments SN74CB3T3253DBQR Datasheet HTML 6Page - Texas Instruments SN74CB3T3253DBQR Datasheet HTML 7Page - Texas Instruments SN74CB3T3253DBQR Datasheet HTML 8Page - Texas Instruments SN74CB3T3253DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OE
S1
1B4
1B3
1B2
1B1
1A
GND
VCC
2OE
S0
2B4
2B3
2B2
2B1
2A
D, DBQ, DGV, OR PW PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
SN74CB3T3253
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SCDS148 – OCTOBER 2003 – REVISED JUNE 2005
Low Power Consumption (ICC = 20 µA Max)
Output Voltage Translation Tracks VCC
VCC Operating Range From 2.3 V to 3.6 V
Supports Mixed-Mode Signal Operation on All
Data I/Os Support 0- to 5-V Signaling Levels
Data I/O Ports
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
– 5-V Input Down to 3.3-V Output Level Shift
Control Inputs Can Be Driven by TTL or
With 3.3-V VCC
5-V/3.3-V CMOS Outputs
– 5-V/3.3-V Input Down to 2.5-V Output Level
Ioff Supports Partial-Power-Down Mode
Shift With 2.5-V VCC
Operation
5-V Tolerant I/Os With Device Powered Up or
Latch-Up Performance Exceeds 250 mA Per
Powered Down
JESD 17
Bidirectional Data Flow With Near-Zero
ESD Performance Tested Per JESD 22
Propagation Delay
– 2000-V Human-Body Model
Low ON-State Resistance (ron) Characteristics
(A114-B, Class II)
(ron = 5 Ω Typ)
– 1000-V Charged-Device Model (C101)
Low Input/Output Capacitance Minimizes
Supports Digital Applications: Level
Loading (Cio(OFF) = 5 pF Typ)
Translation, USB Interface, Memory
Data and Control Inputs Provide Undershoot
Interleaving, Bus Isolation
Clamp Diodes
Ideal for Low-Power Portable Equipment
The SN74CB3T3253 is a high-speed TTL-compatible FET multiplexer/demultiplexer with low ON-state resistance
(ron), allowing for minimal propagation delay. The device fully supports mixed-mode signal operation on all data
I/O ports by providing voltage translation that tracks VCC. The SN74CB3T3253 supports systems using 5-V TTL,
3.3-V LVTTL, and 2.5-V CMOS switching standards, as well as user-defined switching levels (see Figure 1).
The SN74CB3T3253 is organized as two 1-of-4 multiplexer/demultiplexers with separate output-enable (1OE,
2OE) inputs. The select (S0, S1) inputs control the data path of each multiplexer/demultiplexer. When OE is low,
the associated multiplexer/demultiplexer is ON, and the A port is connected to the B port, allowing bidirectional
data flow between ports. When OE is high, the associated multiplexer/demultiplexer is OFF, and a
high-impedance state exists between the A and B ports.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that damaging
current will not backflow through the device when it is powered down. The device has isolation during power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - SN74CB3T3253DBQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CB3T3253DBQR TI-SN74CB3T3253DBQR Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253DBQR TI1-SN74CB3T3253DBQR Datasheet
727Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
More results

Podobny opis - SN74CB3T3253DBQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com