Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1489ANE4 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części MC1489ANE4
Szczegółowy opis  QUADRUPLE LINE RECEIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

MC1489ANE4 Arkusz danych(HTML) 4 Page - Texas Instruments

  MC1489ANE4 Datasheet HTML 1Page - Texas Instruments MC1489ANE4 Datasheet HTML 2Page - Texas Instruments MC1489ANE4 Datasheet HTML 3Page - Texas Instruments MC1489ANE4 Datasheet HTML 4Page - Texas Instruments MC1489ANE4 Datasheet HTML 5Page - Texas Instruments MC1489ANE4 Datasheet HTML 6Page - Texas Instruments MC1489ANE4 Datasheet HTML 7Page - Texas Instruments MC1489ANE4 Datasheet HTML 8Page - Texas Instruments MC1489ANE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MC1489, MC1489A, SN55189, SN55189A, SN75189, SN75189A
QUADRUPLE LINE RECEIVERS
SLLS095D – SEPTEMBER 1973 – REVISED OCTOBER 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over operating free-air temperature range, VCC = 5 V ± 1% (unless
otherwise noted)
TEST
SN55189
MC1489, MC1489A
SN75189
PARAMETER
TEST
FIGURE
TEST CONDITIONS†
SN55189A
SN75189
SN75189A
UNIT
MIN
TYP‡
MAX
MIN
TYP‡
MAX
TA = 25°C
1
1.3
1.5
1
1.3
1.5
’89
TA = 0°C to 70°C
0.9
1.6
VIT
Positive-going input
1
TA = – 55°C to 125°C
0.6
1.9
V
VIT+
gg
threshold voltage
1
TA = 25°C
1.75
1.9
2.25
1.75
1.9
2.25
V
’89A
TA = 0°C to 70°C
1.55
2.25
TA = – 55°C to 125°C
1.30
2.65
Nti
i
it
TA = 25°C
0.75
1.0
1.25
0.75
1.0
1.25
VIT–
Negative-going input
threshold voltage
1
’89, ’89A
TA = 0°C to 70°C
0.65
1.25
V
threshold voltage
TA = – 55°C to 125°C
0.35
1.6
VOH
High-level
1
VI = 0.75 V, IOH = – 0.5 mA
2.6
4
5
2.6
4
5
V
VOH
g
output voltage
1
Input open,
IOH = – 0.5 mA
2.6
4
5
2.6
4
5
V
VOL
Low-level
1
VI =3V
IOL =10mA
02
045
02
045
V
VOL
output voltage
1
VI = 3 V,
IOL = 10 mA
0.2
0.45
0.2
0.45
V
IIH
High-level
2
VI = 25 V
3.6
8.3
3.6
8.3
mA
IIH
g
input current
2
VI = 3 V
0.43
0.43
mA
IIL
Low-level
2
VI = – 25 V
– 3.6
– 8.3
– 3.6
–8.3
mA
IIL
input current
2
VI = – 3 V
– 0.43
– 0.43
mA
IOS
Short-circuit
3
3
3
mA
IOS
output current
3
– 3
–3
mA
ICC
Supply current
2
VI = 5 V,
Outputs open
20
26
20
26
mA
† All characteristics are measured with the response-control terminal open.
‡ All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics, VCC = 5 V, CL = 15 pF, TA = 25°C
PARAMETER
TEST
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PARAMETER
FIGURE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
RL = 3.9 kΩ
25
85
ns
tPHL
Propagation delay time, high- to low-level output
4
RL = 390 Ω
25
50
ns
tTLH
Transition time, low- to high-level output
4
RL = 3.9 kΩ
120
175
ns
tTHL
Transition time, high- to low-level output
RL = 390 Ω
10
20
ns


Podobny numer części - MC1489ANE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MC1489ANE4 TI-MC1489ANE4 Datasheet
740Kb / 21P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
More results

Podobny opis - MC1489ANE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MC1489 TI-MC1489 Datasheet
149Kb / 10P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
logo
List of Unclassifed Man...
GD75189A ETC-GD75189A Datasheet
493Kb / 3P
   QUADRUPLE LINE RECEIVERS
logo
Texas Instruments
MC1489 TI-MC1489_08 Datasheet
740Kb / 21P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
MC1489 TI1-MC1489_18 Datasheet
1Mb / 26P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
NTE75189 TI1-NTE75189 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com