Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS6124IRHBTG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części ADS6124IRHBTG4
Szczegółowy opis  12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS6124IRHBTG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS6124IRHBTG4 Datasheet HTML 1Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 2Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 3Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 4Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 5Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 6Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 7Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 8Page - Texas Instruments ADS6124IRHBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS6125, ADS6124
ADS6123, ADS6122
SLAS560A – OCTOBER 2007 – REVISED MARCH 2008
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
DRVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1 dBFS differential analog input, internal
reference mode, applies to CMOS and LVDS interfaces, unless otherwise noted.
ADS6125
ADS6124
ADS6123
ADS6122
FS = 125 MSPS
FS = 105 MSPS
FS = 80 MSPS
FS = 65 MSPS
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
RESOLUTION
12
12
12
12
Bits
ANALOG INPUT
Differential input voltage range
2
2
2
2
VPP
Differential input resistance (at dc)
> 1
> 1
> 1
> 1
M
see Figure 91
Differential input capacitance
7
7
7
7
pF
see Figure 92
Analog input bandwidth
450
450
450
450
MHz
Analog input common mode current
180
151
114
92
µA
(per input pin of each ADC)
REFERENCE VOLTAGES
VREFB
Internal reference bottom voltage
1
1
1
1
V
VREFT
Internal reference top voltage
2
2
2
2
V
ΔVREF
Internal reference error
-20
± 5
20
-20
± 5
20
-20
± 5
20
-20
± 5
20
mV
(VREFT–VREFB)
VCM
Common mode output voltage
1.5
1.5
1.5
1.5
V
DC ACCURACY
No missing codes
Specified
Specified
Specified
Specified
EO
Offset error
-10
± 2
10
-10
± 2
10
-10
± 2
10
-10
± 2
10
mV
Offset error temperature coefficient
0.05
0.05
0.05
0.05
mV/
°C
There are two sources of gain error – internal reference inaccuracy and channel gain error
EGREF
Gain error due to internal reference
-1
0.25
1
-1
0.25
1
-1
0.25
1
-1
0.25
1
% FS
inaccuracy alone, (
ΔVREF /2) %
EGCHAN
Gain error of channel alone(1)
-1
±0.3
1
-1
±0.3
1
-1
±0.3
1
-1
±0.3
1
% FS
Channel gain error temperature
0.005
0.005
0.005
0.005
Δ%/
°C
coefficient
DNL
Differential nonlinearity
-0.75
± 0.6
2
-0.75
± 0.6
2
-0.75
± 0.5
2
-0.75
± 0.5
2
LSB
INL
Integral nonlinearity
-2
± 1
2
-2
± 1
2
-2
± 1
2
-2
± 1
2
LSB
POWER SUPPLY
IAVDD
Analog supply current
123
110
94
84
mA
Digital supply current, CMOS
interface
IDRVDD
6.1
5.4
4.5
4.0
mA
DRVDD = 1.8 V
No load capacitance, FIN= 2 MHZ
(2)
Digital supply current, LVDS interface
IDRVDD
DRVDD = 3.3 V
42
42
42
42
mA
With 100
Ω external termination
Total power, CMOS
417
625
374
525
318
440
285
400
mW
Global power down
30
60
30
60
30
60
30
60
mW
(1)
This is specified by design and characterization; it is not tested in production.
(2)
In CMOS mode, the DRVDD current scales with the sampling frequency and the load capacitance on output pins (see Figure 84).
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS6125, ADS6124 ADS6123, ADS6122


Podobny numer części - ADS6124IRHBTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6124IRHBTG4 TI-ADS6124IRHBTG4 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHBTG4 TI1-ADS6124IRHBTG4 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Podobny opis - ADS6124IRHBTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com