Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD573JN Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD573JN
Szczegółowy opis  10-Bit A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD573JN Arkusz danych(HTML) 2 Page - Analog Devices

  AD573JN Datasheet HTML 1Page - Analog Devices AD573JN Datasheet HTML 2Page - Analog Devices AD573JN Datasheet HTML 3Page - Analog Devices AD573JN Datasheet HTML 4Page - Analog Devices AD573JN Datasheet HTML 5Page - Analog Devices AD573JN Datasheet HTML 6Page - Analog Devices AD573JN Datasheet HTML 7Page - Analog Devices AD573JN Datasheet HTML 8Page - Analog Devices AD573JN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AD573–SPECIFICATIONS
(@ TA = +25 C, V+ = +5 V, V– = –12 V or –15 V, all voltages measured with respect
to digital common, unless otherwise noted.)
AD573J
AD573K
AD573S
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
10
10
10
Bits
RELATIVE ACCURACY
1
1
1/2
1
LSB
TA = TMIN to TMAX
1
1/2
1
LSB
FULL-SCALE CALIBRATION
2
±2
±2
2
LSB
UNIPOLAR OFFSET
1
1/2
1
LSB
BIPOLAR OFFSET
1
1/2
1
LSB
DIFFERENTIAL NONLINEARITY
3
10
10
10
Bits
TA = TMIN to TMAX
910
10
Bits
TEMPERATURE RANGE
0
+70
0
+70
–55
+125
°C
TEMPERATURE COEFFICIENTS
4
Unipolar Offset
2
1
2
LSB
Bipolar Offset
2
1
2
LSB
Full-Scale Calibration
2
4
2
LSB
POWER SUPPLY REJECTION
Positive Supply
+4.5 V
≤ V + ≤ +5.5 V
2
1
2
LSB
Negative Supply
–15.75 V
≤ V – ≤ –14.25 V
2
1
2
LSB
–12.6 V
≤ V – ≤ –11.4 V
2
1
2
LSB
ANALOG INPUT IMPEDANCE
3.0
5.0
7.0
3.0
5.0
7.0
3.0
5.0
7.0
k
ANALOG INPUT RANGES
Unipolar
0
+10
0
+10
0
+10
V
Bipolar
–5
+5
–5
+5
–5
+5
V
OUTPUT CODING
Unipolar
Positive True Binary
Positive True Binary
Positive True Binary
Bipolar
Positive True Offset Binary
Positive True Offset Binary
Positive True Offset Binary
LOGIC OUTPUT
Output Sink Current
(VOUT = 0.4 V max, TMIN to TMAX)
3.2
3.2
3.2
mA
Output Source Current
5
(VOUT = 2.4 V min, TMIN to TMAX)
0.5
0.5
0.5
mA
Output Leakage
40
40
40
µA
LOGIC INPUTS
Input Current
100
100
100
µA
Logic “1”
2.0
2.0
2.0
V
Logic “0”
0.8
0.8
0.8
V
CONVERSION TIME
TA = TMIN to TMAX
10
20
30
10
20
30
10
20
30
µs
POWER SUPPLY
V+
+4.5
5.0
+7.0
+4.5
+5.0
+7.0
+4.5
+5.0
+7.0
V
V–
–11.4
–15
–16.5
+11.4
–15
–16.5
–11.4
–15
–16.5
V
OPERATING CURRENT
V+
15
20
15
20
15
20
mA
V–
9
15
9
15
9
15
mA
NOTES
1Relative accuracy is defined as the deviation of the code transition points from the ideal transfer point on a straight line from the zero to the full scale of the device.
2Full-scale calibration is guaranteed trimmable to zero with an external 50
Ω potentiometer in place of the 15 Ω fixed resistor. Full scale is defined as 10 volts minus
1 LSB, or 9.990 volts.
3Defined as the resolution for which no missing codes will occur.
4Change from +25
°C value from +25°C to T
MIN or TMAX.
5The data output lines have active pull-ups to source 0.5 mA. The DATA READY line is open collector with a nominal 6 k
Ω internal pull-up resistor.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
–2–
REV. B
8


Podobny numer części - AD573JN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD573JN AD-AD573JN Datasheet
327Kb / 8P
   10-Bit A/D Converter
REV. A
AD573JN AD-AD573JN Datasheet
517Kb / 11P
   10-Bit A/D Converter
AD573JNZ AD-AD573JNZ Datasheet
517Kb / 11P
   10-Bit A/D Converter
More results

Podobny opis - AD573JN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
   10-Bit A/D Converter
REV. A
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
   10-BIT D/A CONVERTER
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
   10-BIT A-D CONVERTER
logo
Analog Devices
AD571 AD-AD571_17 Datasheet
563Kb / 9P
   10-Bit A/D Converter
AD573 AD-AD573 Datasheet
327Kb / 8P
   10-Bit A/D Converter
REV. A
AD573 AD-AD573_17 Datasheet
517Kb / 11P
   10-Bit A/D Converter
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
logo
Fujitsu Component Limit...
MB40760 FUJITSU-MB40760 Datasheet
129Kb / 17P
   1CHANNEL 10-BIT D/A CONVERTER
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
July 25, 2011
KAD5510P-50 INTERSIL-KAD5510P-50 Datasheet
430Kb / 26P
   10-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com