Zakładka z wyszukiwarką danych komponentów |
|
AD977AAN Arkusz danych(PDF) 6 Page - Analog Devices |
|
AD977AAN Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 24 page AD977/AD977A –6– REV. D PIN FUNCTION DESCRIPTIONS Pin No. Pin No. DIP/SOIC SSOP Mnemonic Description 1, 3, 4 1, 3, 4 R1IN, R2IN, R3IN Analog Input. Refer to Table I, Table II for input range configuration. 2 2 AGND1 Analog Ground. Used as the ground reference point for the REF pin. 5 6 CAP Reference buffer output. Connect a 2.2 µF tantalum capacitor between CAP and Analog Ground. 6 7 REF Reference Input/Output. The internal 2.5 V reference is available at this pin. Alternatively an external reference can be used to override the internal reference. In either case, connect a 2.2 µF tantalum capacitor between REF and Analog Ground. 7 9 AGND2 Analog Ground. 8 12 SB/ BTC This digital input is used to select the data format of a conversion result. With SB/ BTC tied LOW, conversion data will be output in Binary Two’s Complement format. With SB/ BTC connected to a logic HIGH, data is output in Straight Binary format. 9 13 EXT/ INT Digital select input for choosing the internal or an external data clock. With EXT/ INT tied LOW, after initiating a conversion, 16 DATACLK pulses transmit the previous conversion result as shown in Figure 3. With EXT/ INT set to a logic HIGH, output data is synchronized to an external clock signal connected to the DATACLK input. Data is output as indicated in Figure 4 through Figure 9. 10 14 DGND Digital Ground. 11 15 SYNC Digital output frame synchronization for use with an external data clock (EXT/ INT = Logic HIGH). When a read sequence is initiated, a pulse one DATACLK period wide is output synchronous to the external data clock. 12 16 DATACLK Serial data clock input or output, dependent upon the logic state of the EXT/ INT pin. When using the internal data clock (EXT/ INT = Logic LOW), a conversion start sequence will initiate transmission of 16 DATACLK periods. Output data is synchronous to this clock and is valid on both its rising and falling edges (Figure 3). When using an external data clock (EXT/ INT = Logic HIGH), the CS and R/C signals control how conversion data is accessed. 13 17 DATA The serial data output is synchronized to DATACLK. Conversion results are stored in an on-chip register. The AD977 provides the conversion result, MSB first, from its internal shift register. The DATA format is determined by the logic level of SB/ BTC. When using the internal data clock (EXT/INT = Logic LOW), DATA is valid on both the rising and falling edges of DATACLK. Between conversions DATA will remain at the level of the TAG input when the conversion was started. Using an external data clock (EXT/ INT = Logic HIGH) allows previous conversion data to be accessed during a conversion (Figures 5, 7 and 9) or the conversion result can be accessed after the completion of a conversion (Figures 4, 6 and 8). 14 19 TAG This digital input can be used with an external data clock, (EXT/ INT = Logic HIGH) to daisy chain the conversion results from two or more AD977s onto a single DATA line. The digital data level on TAG is output on DATA with a delay of 16 or 17 external DATACLK periods after the initiation of the read sequence. Dependent on whether a SYNC is not present or present. 15 21 R/ C Read/Convert Input. Is used to control the conversion and read modes of the AD977. With CS LOW; a falling edge on R/C holds the analog input signal inter- nally and starts a conversion, a rising edge enables the transmission of the conver- sion result. 16 24 CS Chip Select Input. With R/ C LOW, a falling edge on CS will initiate a conversion. With R/ C HIGH, a falling edge on CS will enable the serial data output sequence. 17 25 BUSY Busy Output. Goes LOW when a conversion is started, and remains LOW until the conversion is completed and the data is latched into the on-chip shift register. 18 26 PWRD Power-Down Input. When set to a logic HIGH power consumption is reduced and conversions are inhibited. The conversion result from the previous conversion is stored in the onboard shift register. 19 27 VANA Analog Power Supply. Nominally 5 V. 20 28 VDIG Digital Power Supply. Nominally 5 V. |
Podobny numer części - AD977AAN |
|
Podobny opis - AD977AAN |