Zakładka z wyszukiwarką danych komponentów |
|
AD845BQ Arkusz danych(PDF) 9 Page - Analog Devices |
|
AD845BQ Arkusz danych(HTML) 9 Page - Analog Devices |
9 / 12 page AD845 REV. E –9– OUTLINE DIMENSIONS 8-Lead Plastic Dual In-Line Package [PDIP] (N-8) Dimensions shown in inches and (millimeters) SEATING PLANE 0.180 (4.57) MAX 0.150 (3.81) 0.130 (3.30) 0.110 (2.79) 0.060 (1.52) 0.050 (1.27) 0.045 (1.14) 8 1 4 5 0.295 (7.49) 0.285 (7.24) 0.275 (6.98) 0.100 (2.54) BSC 0.375 (9.53) 0.365 (9.27) 0.355 (9.02) 0.150 (3.81) 0.135 (3.43) 0.120 (3.05) 0.015 (0.38) 0.010 (0.25) 0.008 (0.20) 0.325 (8.26) 0.310 (7.87) 0.300 (7.62) 0.022 (0.56) 0.018 (0.46) 0.014 (0.36) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MO-095AA 0.015 (0.38) MIN 16-Lead Standard Small Outline Package [SOIC] Wide Body (R-16) Dimensions shown in millimeters and (inches) CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MS-013AA SEATING PLANE 0.30 (0.0118) 0.10 (0.0039) 2.65 (0.1043) 2.35 (0.0925) 1.27 (0.0500) BSC 16 9 8 1 10.65 (0.4193) 10.00 (0.3937) 7.60 (0.2992) 7.40 (0.2913) 10.50 (0.4134) 10.10 (0.3976) 8 0 0.75 (0.0295) 0.25 (0.0098) 45 1.27 (0.0500) 0.40 (0.0157) COPLANARITY 0.10 0.33 (0.0130) 0.20 (0.0079) 0.51 (0.0201) 0.31 (0.0122) 8-Lead Ceramic Dual In-Line Package [CERDIP] (Q-8) Dimensions shown in inches and (millimeters) 1 4 85 0.310 (7.87) 0.220 (5.59) PIN 1 0.005 (0.13) MIN 0.055 (1.40) MAX 0.100 (2.54) BSC 15 0 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) SEATING PLANE 0.200 (5.08) MAX 0.405 (10.29) MAX 0.150 (3.81) MIN 0.200 (5.08) 0.125 (3.18) 0.023 (0.58) 0.014 (0.36) 0.070 (1.78) 0.030 (0.76) 0.060 (1.52) 0.015 (0.38) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETERS DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN |
Podobny numer części - AD845BQ |
|
Podobny opis - AD845BQ |