Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1871YRSZ Arkusz danych(PDF) 18 Page - Analog Devices

Numer części AD1871YRSZ
Szczegółowy opis  Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1871YRSZ Arkusz danych(HTML) 18 Page - Analog Devices

Back Button AD1871YRSZ Datasheet HTML 14Page - Analog Devices AD1871YRSZ Datasheet HTML 15Page - Analog Devices AD1871YRSZ Datasheet HTML 16Page - Analog Devices AD1871YRSZ Datasheet HTML 17Page - Analog Devices AD1871YRSZ Datasheet HTML 18Page - Analog Devices AD1871YRSZ Datasheet HTML 19Page - Analog Devices AD1871YRSZ Datasheet HTML 20Page - Analog Devices AD1871YRSZ Datasheet HTML 21Page - Analog Devices AD1871YRSZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD1871
–18–
REV. 0
I
2S Mode
In I
2S Mode, the data is left-justified, MSB first, with the MSB
placed in the second BCLK period following the transition of
the LRCLK. A high-to-low transition of the LRCLK signifies
the beginning of the left channel data transfer, while a low-to-
high transition on the LRCLK signifies the beginning of the
right channel data transfer (see Figure 12).
LEFT CHANNEL
RIGHT CHANNEL
MSB–2
MSB–1
LSB+2
LSB+1
LSB
MSB–2
MSB–1
MSB
LSB+2 LSB+1
LSB
MSB
LRCLK
BCLK
DOUT
MSB
Figure 12. I2S Mode
LJ Mode
In LJ Mode, the data is left-justified, MSB first, with the MSB
placed in the first BCLK period following the transition of the
LRCLK. A high-to-low transition of the LRCLK signifies the
beginning of the right channel data transfer, while a low-to-high
transition on the LRCLK signifies the beginning of the left
channel data transfer (see Figure 13).
MSB–2
MSB–1
LSB+2
LSB+1
LSB
MSB–2
MSB–1
MSB
LSB+2
LSB+1
LSB
MSB–1
MSB
LRCLK
BCLK
DOUT
LEFT CHANNEL
RIGHT CHANNEL
MSB
Figure 13. Left-Justified Mode
RJ Mode
In RJ Mode, the data is right-justified, LSB last, with the
LSB placed in the last BCLK period preceding the transition
of the LRCLK. A high-to-low transition of the LRCLK signifies
the beginning of the right channel data transfer, while a low-to-
high transition on the LRCLK signifies the beginning of the left
channel data transfer (see Figure 14).
DOUT
LSB
MSB–2
MSB–1
LSB+2 LSB+1
MSB–2
MSB–1
MSB
LSB+2 LSB+1
LSB
BCLK
LRCLK
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Figure 14. Right-Justified Mode
DSP Mode
In DSP Mode, the LRCLK signal becomes a frame sync signal
that pulses high for the BCLK period prior to the MSB (or in
the BCLK period of the previous LSB–32 bits). The data is left-
justified, MSB first, with the MSB placed in the BCLK period
following the LRCLK pulse (see Figure 15).
In I
2S and LJ Modes, since the data is left-justified, differences in
data word-width between the AD1871 and the controller are not
catastrophic since the MSBs are guaranteed to be transferred.
There may, however, be a slight reduction in performance
depending on the scale of the mismatch. In RJ Mode, however,
differences in word-width between the AD1871 and controller
have a catastrophic effect on signal performance as the MSBs
of each sample may be lost due to the mismatch.
DOUT
MSB–1
LSB+2
LSB+1
LSB
MSB–1
LSB+2
LSB+1
LSB
MSB
MSB–1
MSB
LRCLK
LEFT CHANNEL
RIGHT CHANNEL
BCLK
MSB
Figure 15. DSP Mode


Podobny numer części - AD1871YRSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1871YRS AD-AD1871YRS Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
AD1871YRS-REEL AD-AD1871YRS-REEL Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com