Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5290YRMZ50 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD5290YRMZ50
Szczegółowy opis  Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ50 Arkusz danych(HTML) 2 Page - Analog Devices

  AD5290YRMZ50 Datasheet HTML 1Page - Analog Devices AD5290YRMZ50 Datasheet HTML 2Page - Analog Devices AD5290YRMZ50 Datasheet HTML 3Page - Analog Devices AD5290YRMZ50 Datasheet HTML 4Page - Analog Devices AD5290YRMZ50 Datasheet HTML 5Page - Analog Devices AD5290YRMZ50 Datasheet HTML 6Page - Analog Devices AD5290YRMZ50 Datasheet HTML 7Page - Analog Devices AD5290YRMZ50 Datasheet HTML 8Page - Analog Devices AD5290YRMZ50 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD5290
Data Sheet
Rev. C | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—10 kΩ Version................................ 3
Electrical Characteristics—50 kΩ, 100 kΩ Versions ............... 5
Interface Timing Characteristics................................................ 7
3-Wire Digital Interface................................................................... 8
Absolute Maximum Ratings............................................................ 9
ESD Caution.................................................................................. 9
Pin Configuration and Descriptions............................................ 10
Typical Performance Characteristics ........................................... 11
Theory of Operation ...................................................................... 15
Programming the Variable Resistor......................................... 15
Programming the Potentiometer Divider............................... 16
3-Wire Serial Bus Digital Interface .......................................... 16
Daisy Chain Operation.............................................................. 16
ESD Protection ........................................................................... 17
Terminal Voltage Operating Range ......................................... 17
Power-Up and Power-Down Sequences.................................. 17
Layout and Power Supply Biasing............................................ 17
Applications..................................................................................... 18
High Voltage DAC...................................................................... 18
Programmable Power Supply ................................................... 18
Audio Volume Control .............................................................. 18
Outline Dimensions....................................................................... 20
Ordering Guide .......................................................................... 20
REVISION HISTORY
11/11—Rev. B to Rev. C
Change to Figure 33 ....................................................................... 18
4/10—Rev. A to Rev. B
Changes to Figure 29...................................................................... 16
Updated Outline Dimensions ....................................................... 20
7/09—Rev. 0 to Rev. A
Changes to Features Section ............................................................1
Changes to Ordering Guide.......................................................... 20
12/05—Revision 0: Initial Version


Podobny numer części - AD5290YRMZ50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5290YRMZ50 AD-AD5290YRMZ50 Datasheet
165Kb / 11P
   Compact 30V/짹15V 256-Position Digital Potentiometer
Rev. PrC
AD5290YRMZ50-RL7 AD-AD5290YRMZ50-RL7 Datasheet
165Kb / 11P
   Compact 30V/짹15V 256-Position Digital Potentiometer
Rev. PrC
More results

Podobny opis - AD5290YRMZ50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
   Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282BRUZ200 AD-AD5282BRUZ200 Datasheet
964Kb / 28P
   Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
AD5263 AD-AD5263_12 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD7376 AD-AD7376 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD5290 AD-AD5290 Datasheet
165Kb / 11P
   Compact 30V/짹15V 256-Position Digital Potentiometer
Rev. PrC
AD5260 AD-AD5260_10 Datasheet
610Kb / 24P
   1-/2-Channel 15 V Digital Potentiometer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com