Zakładka z wyszukiwarką danych komponentów |
|
AD7837SQ Arkusz danych(PDF) 11 Page - Analog Devices |
|
AD7837SQ Arkusz danych(HTML) 11 Page - Analog Devices |
11 / 12 page AD7837/AD7847 REV. C –11– MICROPROCESSOR INTERFACING–AD7837 Figures 23 to 25 show the AD7837 configured for interfacing to microprocessors with 8-bit data bus systems. In all cases, data is right-justified and the AD7837 is memory-mapped with the two lowest address lines of the microprocessor address bus driving the A0 and A1 inputs of the AD7837. Five separate memory addresses are required, one for the each MS latch and one for each LS latch and one for the common LDAC input. Data is written to the respective input latch in two write operations. Either high byte or low byte data can be written first to the input latch. A write to the AD7837 LDAC address transfers the data from the input latches to the respective DAC latches and updates both analog outputs. Alternatively, the LDAC input can be asynchronous and can be common to several AD7837s for simultaneous updating of a number of voltage channels. AD7837–8051/8088 Interface Figure 23 shows the connection diagram for interfacing the AD7837 to both the 8051 and the 8088. On the 8051, the signal PSEN is used to enable the address decoder while DEN is used on the 8088. ADDRESS DECODE CS LDAC WR DB7 DB0 ALE AD7 AD0 8051/8088 AD7837* ADDRESS BUS ADDRESS/DATA BUS OCTAL LATCH WR *ADDITIONAL PINS OMITTED FOR CLARITY A0 A1 EN A15 A8 PSEN OR DEN Figure 23. AD7837 to 8051/8088 Interface AD7837–MC68008 Interface An interface between the AD7837 and the MC68008 is shown in Figure 24. In the diagram shown, the LDAC signal is derived from an asynchronous timer but this can be derived from the address decoder as in the previous interface diagram. WR R/ W DS DTACK ADDRESS DECODE CS LDAC DB7 DB0 D7 D0 AD7837* ADDRESS BUS DATA BUS *ADDITIONAL PINS OMITTED FOR CLARITY A0 A1 EN A19 A0 AS TIMER MC68008 Figure 24. AD7837 to 68008 Interface ADDRESS DECODE CSA CSB WR DB11 DB0 ALE AD15 AD0 8086 AD7847* ADDRESS BUS ADDRESS/DATA BUS 16 BIT LATCH WR *ADDITIONAL PINS OMITTED FOR CLARITY Figure 20. AD7847 to 8086 Interface AD7847–MC68000 Interface Figure 21 shows an interface between the AD7847 and the MC68000. Once again a single MOVE instruction loads the 12-bit word into the selected DAC latch. CSA and CSB are AND-gated to provide a DTACK signal when either DAC latch is selected. ADDRESS DECODE CSA CSB WR DB11 DB0 A23 A1 MC68000 AD7847* ADDRESS BUS DATA BUS AS *ADDITIONAL PINS OMITTED FOR CLARITY EN R/ W D15 D0 LDS DTACK Figure 21. AD7847 to MC68000 Interface AD7847–TMS320C10 Interface Figure 22 shows an interface between the AD7847 and the TMS320C10 DSP processor. A single OUT instruction loads the 12-bit word into the selected DAC latch. ADDRESS DECODE CSA CSB WR DB11 DB0 A11 A0 TMS320C10 AD7847* ADDRESS BUS DATA BUS WE *ADDITIONAL PINS OMITTED FOR CLARITY EN D15 D0 MEN Figure 22. AD7847 to TMS320C10 Interface |
Podobny numer części - AD7837SQ |
|
Podobny opis - AD7837SQ |