Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPC8053-H Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TPC8053-H
Szczegółowy opis  TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8053-H Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TPC8053-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8053-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8053-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8053-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8053-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8053-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8053-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPC8053-H
2009-08-18
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±20 V, VDS = 0 V
±100
nA
Drain cutoff current
IDSS
VDS = 60 V, VGS = 0 V
10
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
60
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
43
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 0.2 mA
1.3
2.3
V
VGS = 4.5 V, ID = 4.5 A
15.8
24.2
Drain-source ON-resistance
RDS (ON)
VGS = 10 V, ID = 4.5 A
14.1
22.5
m
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 4.5 A
15
30
S
Input capacitance
Ciss
1620
2110
Reverse transfer capacitance
Crss
60
90
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
200
pF
Gate resistance
rg
VDS = 10 V, VGS = 0 V, f = 5 MHz
2.3
3.5
Ω
Rise time
tr
2.4
Turn-on time
ton
9.1
Fall time
tf
7.0
Switching time
Turn-off time
toff
Duty
≤ 1%, tw = 10 μs
34
ns
VDD ≈ 48 V, VGS = 10 V, ID = 9 A
25
Total gate charge
(gate-source plus gate-drain)
Qg
VDD ≈ 48 V, VGS = 5 V, ID = 9 A
13
Gate-source charge 1
Qgs1
5.2
Gate-drain (“Miller”) charge
Qgd
4.5
Gate switch charge
QSW
VDD ≈ 48 V, VGS = 10 V, ID = 9 A
6.7
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Peak forward current
Pulse
(Note 1)
IFP
36
A
Forward voltage (diode)
VDSF
IDR = 9 A, VGS = 0 V
−1.2
V
VDD ≈ 30 V
0 V
VGS
10 V
ID = 4.5 A
VOUT


Podobny numer części - TPC8053-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPC8053-H TOSHIBA-TPC8053-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
SHENZHEN DOINGTER SEMIC...
TPC8053-H DOINGTER-TPC8053-H Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
TPC8053-H VBSEMI-TPC8053-H Datasheet
996Kb / 9P
   N-Channel 60-V (D-S) MOSFET
More results

Podobny opis - TPC8053-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPCA8046-H TOSHIBA-TPCA8046-H Datasheet
200Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPCA8049-H TOSHIBA-TPCA8049-H Datasheet
204Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8053-H TOSHIBA-TPCA8053-H Datasheet
191Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
SSM3K333R TOSHIBA-SSM3K333R_14 Datasheet
234Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type (U-MOS VII-H)
TPCA8030-H TOSHIBA-TPCA8030-H Datasheet
148Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS V-H)
TK40A10K3 TOSHIBA-TK40A10K3 Datasheet
208Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
2SK3397 TOSHIBA-2SK3397 Datasheet
96Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
2SK3236 TOSHIBA-2SK3236 Datasheet
228Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
TPCS8201 TOSHIBA-TPCS8201 Datasheet
314Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS )
TPC8216-H TOSHIBA-TPC8216-H Datasheet
213Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com