Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL103WCEZB-REEL Arkusz danych(PDF) 14 Page - Analog Devices

Numer części ADXL103WCEZB-REEL
Szczegółowy opis  Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL103WCEZB-REEL Arkusz danych(HTML) 14 Page - Analog Devices

Back Button ADXL103WCEZB-REEL Datasheet HTML 8Page - Analog Devices ADXL103WCEZB-REEL Datasheet HTML 9Page - Analog Devices ADXL103WCEZB-REEL Datasheet HTML 10Page - Analog Devices ADXL103WCEZB-REEL Datasheet HTML 11Page - Analog Devices ADXL103WCEZB-REEL Datasheet HTML 12Page - Analog Devices ADXL103WCEZB-REEL Datasheet HTML 13Page - Analog Devices ADXL103WCEZB-REEL Datasheet HTML 14Page - Analog Devices ADXL103WCEZB-REEL Datasheet HTML 15Page - Analog Devices ADXL103WCEZB-REEL Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADXL103/ADXL203
Data Sheet
Rev. D | Page 14 of 16
APPLICATIONS INFORMATION
POWER SUPPLY DECOUPLING
For most applications, a single 0.1 μF capacitor, CDC, adequately
decouples the accelerometer from noise on the power supply.
However, in some cases, particularly where noise is present at
the 140 kHz internal clock frequency (or any harmonic thereof),
noise on the supply can cause interference on the ADXL103/
ADXL203 output. If additional decoupling is needed, a 100 Ω
(or smaller) resistor or ferrite beads can be inserted in the supply
line of the ADXL103/ADXL203. Additionally, a larger bulk
bypass capacitor (in the 1 μF to 22 μF range) can be added in
parallel to CDC.
SETTING THE BANDWIDTH USING CX AND CY
The ADXL103/ADXL203 has provisions for band limiting the
XOUT and YOUT pins. Capacitors must be added at these pins to
implement low-pass filtering for antialiasing and noise reduction.
The equation for the 3 dB bandwidth is
f–3 dB = 1/(2π(32 kΩ) × C(X, Y))
or more simply,
f–3 dB = 5 μF/C(X, Y)
The tolerance of the internal resistor (RFILT) can vary typically as
much as ±25% of its nominal value (32 kΩ); thus, the bandwidth
varies accordingly. A minimum capacitance of 2000 pF for CX and
CY is required in all cases.
Table 7. Filter Capacitor Selection, CX and CY
Bandwidth (Hz)
Capacitor (μF)
1
4.7
10
0.47
50
0.10
100
0.05
200
0.027
500
0.01
SELF TEST
The ST pin controls the self test feature. When this pin is set to VS,
an electrostatic force is exerted on the beam of the accelerometer.
The resulting movement of the beam allows the user to test if
the accelerometer is functional. The typical change in output is
750 mg (corresponding to 750 mV). This pin can be left open-
circuit or connected to common in normal use.
Never expose the ST pin to voltages greater than VS + 0.3 V. If
the system design is such that this condition cannot be guaranteed
(that is, multiple supply voltages are present), a low VF clamping
diode between ST and VS is recommended.
DESIGN TRADE-OFFS FOR SELECTING FILTER
CHARACTERISTICS: THE NOISE/BANDWIDTH
TRADE-OFF
The accelerometer bandwidth selected ultimately determines
the measurement resolution (smallest detectable acceleration).
Filtering can be used to lower the noise floor, improving the
resolution of the accelerometer. Resolution is dependent on
the analog filter bandwidth at XOUT and YOUT.
The output of the ADXL103/ADXL203 has a typical bandwidth
of 2.5 kHz. The user must filter the signal at this point to limit
aliasing errors. The analog bandwidth must be no more than
half the analog-to-digital sampling frequency to minimize
aliasing. The analog bandwidth can be further decreased to
reduce noise and improve resolution.
The ADXL103/ADXL203 noise has the characteristics of white
Gaussian noise, which contributes equally at all frequencies and is
described in terms of μg/√Hz (that is, the noise is proportional to
the square root of the accelerometer bandwidth). Limit bandwidth
to the lowest frequency needed by the application to maximize the
resolution and dynamic range of the accelerometer.
With the single-pole roll-off characteristic, the typical noise of
the ADXL103/ADXL203 is determined by
rmsNoise = (110 μg/√Hz) × (
6
.
1
BW ×
)
At 100 Hz, the noise is
rmsNoise = (110 μg/√Hz) × (
6
.
1
100 ×
) = 1.4 mg
Often, the peak value of the noise is desired. Peak-to-peak noise
can only be estimated by statistical methods. Table 8 is useful
for estimating the probabilities of exceeding various peak values,
given the rms value.
Table 8. Estimation of Peak-to-Peak Noise
Peak-to-Peak Value
% of Time That Noise Exceeds
Nominal Peak-to-Peak Value
2 × rms
32
4 × rms
4.6
6 × rms
0.27
8 × rms
0.006
Peak-to-peak noise values give the best estimate of the uncertainty
in a single measurement; peak-to-peak noise is estimated by
6 × rms. Table 9 gives the typical noise output of the ADXL103/
ADXL203 for various CX and CY values.
Table 9. Filter Capacitor Selection (CX, CY)
Bandwidth (Hz)
CX, CY
(μF)
RMS Noise
(mg)
Peak-to-Peak Noise
Estimate (mg)
10
0.47
0.4
2.6
50
0.1
1.0
6
100
0.047
1.4
8.4
500
0.01
3.1
18.7


Podobny numer części - ADXL103WCEZB-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL103CE AD-ADXL103CE Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL103CE AD-ADXL103CE Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103CE-REEL1 AD-ADXL103CE-REEL1 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL103CE1 AD-ADXL103CE1 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
More results

Podobny opis - ADXL103WCEZB-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
logo
CRYSTEK CORPORATION
CCESMA-MM-SS402-12 CRYSTEKMICROWAVE-CCESMA-MM-SS402-12 Datasheet
935Kb / 1P
   SS402 50 Ohm 18G Hz Precision Coaxial Cables
logo
Analog Devices
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
logo
Suzhou Maswell Communic...
AN_MASTER_003 MASWELL-AN_MASTER_003 Datasheet
430Kb / 3P
   5G Antenna
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
   Dual Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com